Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 303 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 303 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
286
addition. The transmitted SYNC therefore has ORG_TIME=’close to departure time’, and CF=’minor
correction to that’.
REW: PDU.ORGTIME := (TOD_sec, TOD_nsec)
REW: Preamble := (CF, NSF)
DEV: CF += NSF@mac_Tx-ofs
3.29.6
Time of Day Generation
The DEVCPU has connection to four GPIOs to be used for 1588 synchronization shown in the following
illustration.
Figure 86 •
Timing Distribution
Each block using timing has a TimeOfDay instance included. These modules let time pass according to
an incoming delta request, instructing it to add the nominal clock period in nanoseconds (+0/+1/–1) for
each system clock cycle. This is controlled by a deltaT function in the DEVCPU, which can be configured
to do regular adjustments to the time by adding a single nanosecond more or less at specified intervals.
The absT function in the DEVCPU can set the full TOD time in the system. This is controlled by the
LoadStore controllers.
The DEVCPU includes five LoadStore controllers. All but the last one use a designated GPIO pin on the
GPIO interface. LoadStore controller 0 uses PTP_0 pin; LoadStore controller 1 uses PTP_1 pin, and so
forth. Before using the LoadStore controller, the VCore-III CPU must enable the overlaid functions for the
appropriate GPIO pins. For more information, see GPIO Overlaid Functions, page 352.
Each controller has CPU accessible registers with the full time of day set, and can be configured to load
these into the TimeOfDay instances, or to store the current values from them. The operation can be done
on a detected edge on the associated pin or immediately. The GPIO pin can also generate a clock with
DeltaT
gen
Adjuster
LoadStore Ctrl
GPIO
AbsT
gen
LoadStore Ctrl
LoadStore Ctrl
LoadStore Ctrl
load
TimeOfDay
TimeOfDay
TimeOfDay
o o o
store
Five controllers configured for:
- Load absolute time
- Load signed delta time
- Store absolute time
- Generate pulse or clock on pin
Load/store can be done on incoming edge
or immediately.
sec (48 bits)
nsec (30 bits)
nsf (32 bits)
Analyzer / Rewriter / Port Modules
(only NSF in port module)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com