Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 305 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 305 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
288
3.29.8.1 VCAP IS2 Actions
In the analyzer, the VCAP IS2 actions are related to PTP operation. The REW_CMD action field
determines the PTP actions in the rewriter.
3.29.8.2 Rewriter Registers
The following table lists registers associated with time stamping.
Table 218 •
PTP Actions in Rewriter
Action Bits
Description
1-0: PTP command
0: No operation.
1: One-step.
2: Two-step.
3: Time of day.
3-2: Delay command
0: Do not add any delays.
1: Add PTP_EDLY(Tx port).
2: Add PTP_IDLY1(Rx port).
3: Add PTP_IDLY2(Rx port).
5-4: Sequence number and
time stamp command
0: No operation.
1: Sequence update. The rewriter contains a table of 256 sequence numbers which can
be selected by the lower bits of the time stamp field from the IFH. If this command bit is
set, the selected sequence number is put into the PDU, and the sequence will be
incremented by one. Feature only makes sense when frame is injected by the CPU, in
which case the IFH can be fully controlled by injecting with IFH.
2-3: Delay_Req/Delay_Resp processing. These modes are handled in the analyzer. This
is used for automatic response generation without involving software. If bits 1-0 are set to
one-step, the rewriter is requested to update the CF field to the time of reception.
6: SMAC to DMAC
If set, copy the SMAC into the DMAC of the frame.
7: Configuration to SMAC
If set, set the SMAC to the PTP SMAC configured per egress port.
Table 219 •
Rewriter Registers
Register
Description
PTP_MODE_CFG
Assign time domain and PTP port mode for each port.
PTP_EDLY_CFG
PTP_IDLY1_CFG
PTP_IDLY2_CFG
Configure ingress and egress optional delays to use per port.
PTP_SMAC_LSB
PTP_SMAC_MSB
Configure the optional SMAC to replace in the PDUs.
PTP_MISC_CFG
Disable UDP checksum updating per port.
PTP_TWOSTEP_CTRL
Get next time stamp from FIFO.
PTP_TWOSTEP_STAMP
Next time stamp value.
PTP_CPUVD_MODE_CFG Set mode and time domain for CPU and virtual device ports.
PTP_RSRV_NOT_ZERO
Sticky bit for incoming non-zero reserved bytes field.
PTP_SEQ_NO
Set or get sequence number for 256 flows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com