Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 308 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 308 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
291
Each of the VRAP commands are described in the following sections. Each VRAP request frame can
contain multiple VRAP commands. Commands are processed sequentially starting with VRAP command
1, 2, and so on. There are no restrictions on the order or number of commands in the frame.
3.30.2
VRAP Response Frame Format
The VRAP response frame follows the VRAP request frame in terms of VLAN tagging: If the VRAP request was
tagged, the VRAP response is also tagged using the same VLAN.
Only the READ and IDLE commands require data to be returned to the transmitter of the VRAP request
frame. However, even if the VRAP request frame does not contain READ and IDLE commands, a VRAP
response frame is generated with enough padding data (zeros) to fulfill the minimum transfer unit size.
3.30.3
VRAP Header Format
Both VRAP request and VRAP response frames contain a 32-bit VRAP header. The VRAP header is
used to identify the protocol version and to differentiate between VRAP requests and VRAP response
frames. The device supports VRAP version 1. A valid VRAP request frame must use Version = 1 and
Flags.R = 1. Frames with an invalid VRAP header are discarded and not processed by the VRAP engine.
The following illustration shows the VRAP header.
Figure 88 •
VRAP Header Format
3.30.4
VRAP READ Command
The VRAP READ command returns the contents of any 32-bit register inside the device. The 32-bit read-
data result is put into the VRAP response frame.
The READ command is 4 bytes wide and consists of one 32-bit address field, which is 32-bit aligned. The
2 least significant bits of the address set to 01. The following illustration shows the request command and
the associated response result.
READ and IDLE results
SMAC from
VRAP request frame
0x8880
DMAC
DMAC from VRAP
request frame
SMAC
0x0004
EtherType
EPID
Valid FCS
FCS
#1
#n
16 bits
16 bits
48 bits
48 bits
32 bits
variable length
VRAP HDR
(Response)
32 bits
Version
4 bits
Flags
Reserved
4 bits
24 bits
Version:
Set to 0x1 in VRAP response frames.
VRAP request frames are ignored if Version <> 1
Flags:
4 bits are used for Flags. Only one flag is defined:
R: 0=Request, 1=Response
Rsv: Set to 0 in VRAP response frames and ignored in VRAP
request frames.
Reserved:
Set to 0 in VRAP response frames and ignored in VRAP
request frames.
31
28 27
24 23
0
Rsv
R
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com