Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 310 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 310 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
293
Figure 93 •
PAUSE Command
3.31
Energy Efficient Ethernet
The Ethernet ports support Energy Efficient Ethernet (EEE) to reduce power consumption when there is
little or no traffic on a port.
The state diagram in the following illustration shows the EEE LPI algorithm implemented in the device.
Figure 94 •
EEE State Diagram
•
LPI_EMPTY: Low power mode. Port has no frames for transmission.
•
LPI_NONEMPTY: Low power mode. Port has frames for transmission, but the number of frames is
very limited (below EEE_URGENT_THRES in OQS) or EEE_TIMER_AGE has not passed yet.
•
ACTIVATING: Port is being activated prior to restarting frame transmission. The timer
EEE_TIMER_WAKEUP controls the length of the activation time.
•
ACTIVE_NONEMPTY: Port is active and transmitting. This is the normal state for ports without EEE
enabled.
•
ACTIVE_EMPTY: Port is active, but currently has no frames for transmission. If frames for
transmission do not become available within EEE_TIMER_HOLDOFF, then the port enters low
power mode (in state LPI_EMPTY).
Pause value (µs)
Request:
32 bits
0100
LPI
EMPTY
LPI
NONEMPTY
ACTIVATING
ACTIVE
NONEMPTY
Transmitting
ACTIVE
EMPTY
Port has frame(s) for
transmission
EEE_TIMER_WAKEUP passed
Port has no frames for
transmission
EEE_TIMER_HOLDOFF passed
EEE_TIMER_AGE passed
OR
Port queue(s) in OQS exceed
FWD_PRESS_THRES watermark
Port has frame(s) for
transmission
Port queue(s) in
OQS exceed
FWD_PRESS_THRES
watermark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com