Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 314 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 314 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
297
Figure 96 •
PFC Generation Per Port
3.33.1.3 Statistics
The number of transmitted pause frames is counted in the TX_PAUSE_CNT counter and shared with the
counter for transmitted link-layer flow control pause frames. Statistics are handled locally in the DEV10G
port modules. For other port module types, the assembler handles the statistics.
3.33.2
PFC Frame Reception
Received PFC frames are detected by the assembler. The status is forwarded to the queue system,
which will pause the egress traffic according to the timer value specified in the pause frames.
3.33.2.1 Assembler
The assembler identifies PFC PDUs and stores the received pause time values in a set of counters. The
counters are decremented according to the link speed of the port. The assembler signals a stop
indication to the queue system for all (port, priority) with pause times different from 0.
For information about the PFC configuration of the assembler, see Setting Up PFC, page 53.
3.33.2.2 Queue System
The queue system stores the PFC stop indications received from the assembler per (port, priority). It
pauses the transmission for all egress queues with an active PFC stop indication. The queue system
does not require any PFC configuration.
3.33.2.3 Statistics
PFC pause frames are recognized as control frames and counted in the RX_UNSUP_OPCODE_CNT
counter. Statistics are handled locally in the DEV10G port modules. For other port module types, the
assembler handles the statistics.
3.34
Protection Switching
The following types of hardware-assisted protection switching are supported:
FC Inactive
Transmit PFC PDU
fc_txed = fc_qs
timer = TX_PAUSE_VAL
PFC Sent
fc_qs unchanged
PFC Sent
fc_qs changed
Transmit PFC PDU
(xoff)
timer =
PFC_MIN_UPDATE_TIME
fc_qs == 0x00
&&
timer < (TX_PAUSE_VAL –
PFC_MIN_UPDATE_TIME)
fc_qs != 0x00
&&
(timer == 0 || !PFC_XOFF_MIN_UPDATE_ENA)
fc_qs != fc_txed
fc_qs == fc_txed
timer < TX_PAUSE_VAL/2
fc_qs != 0x00
&&
timer < (TX_PAUSE_VAL –
PFC_MIN_UPDATE_TIME)
fc_qs: Congestion state per priority from QS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com