Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 313 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 313 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
296
Figure 95 •
Down-MEP Injection from AFI
3.33
Priority-Based Flow Control (PFC)
Priority-based flow control (PFC, IEEE 802.1Qbb) is supported on all ports for all QoS classes. The
device provides independent support for transmission of pause frames and reaction to incoming pause
frames, which allows asymmetric flow control configurations.
3.33.1
PFC Pause Frame Generation
The queue system monitors the congestion per ingress and egress queue. If a flow control condition is
asserted, the queue system forwards the congestion status to the disassembler. The disassembler
stores the congestion status per (port, priority). Based on the congestion status, the disassembler will
transmit PFC frames for each port.
3.33.1.1 Queue System
The queue system has a set of dedicated PFC watermarks. If the memory consumption of a queue
exceeds a PFC watermark, a flow control condition is asserted, and the updated congestion status is
forwarded the disassembler. For information about the configuration of the PFC watermarks, see Priority-
Based Flow Control (PFC), page 296.
3.33.1.2 Disassembler
The disassembler (DSM) stores the congestion status per queue (per port, per priority) and generates
PFC PDU based on the information. For more information about the available PFC configuration
registers, see PFC Pause Frame Generation, page 274.
The following illustration shows the algorithm controlling the generation of PFC frames for each port. The
8-bit congestion state from the queue system is fc_qs. TX_PAUSE_VAL and PFC_MIN_UPDATE_TIME
are configurable per port. The TX_PAUSE_VAL configuration is shared between LLFC and PFC.
When a priority becomes congested, a PFC PDU is generated to flow control this priority. When half of
the signaled timer value has expired, and the queue is still congested, a new PFC PDU is generated. If
other priorities become congested while the timer is running, then PFC_MIN_UPDATE_TIME is used to
speed up the generation of the next PFC PDU. The timer is shared between all priorities per port.
Every PFC PDU signals the flow control state for all priorities of the port. In other words, the
priority_enable_vector of the PFC PDU is always set to 0x00ff, independent of whether or not a priority is
enabled for flow control. For disabled priorities, the pause time value is always set to 0.
REW
ANA
DEVCPU
ASM
Up-MEP injection point
SQS
DSM
V1
taxi9
taxi0
VD1
port 0
port 52
port m
devcpu
OAM_MEP
OAM_MEP
Loopback path
Down-MEP point to port
AFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com