Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 311 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 311 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation VSC7440 Datasheet HTML 309Page - Microsemi Corporation VSC7440 Datasheet HTML 310Page - Microsemi Corporation VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
294
The state transition timing values are configured in the EEE_CFG register per port module, and the
levels at which the queue system asserts forward pressure are configured in the QSYS::EEE_CFG and
QSYS::EEE_THRES registers.
As illustrated, the “port has frames for transmission” condition is true if there are frames for transmission
and the scheduling algorithm allows transmission of any of the available frames. So it is possible that a
port enters LPI_EMPTY or stays in LPI_EMPTY, even though there are frames in one or more queues.
It is also possible, though not likely, that forward pressure is set for one or more queues when going into
LPI_EMPTY. This occurs when the scheduling algorithm has decided to transmit from other queue or
queues than those signalling forward pressure and the transmission of these frames causes the port
leaky bucket to close.
The “forward pressure signalled for queues” condition does not look at whether the queues with forward
pressure are actually allowed to transmit.
For ports that are shaped to a low bandwidth, the forward pressure watermark in OQS should be set a
low value, such that it is mainly the port shaping that controls when to exit LPI.
3.32
CPU Injection and Extraction
This section provides an overview of how the CPU injects and extracts frames to and from the switch
core.
The switch core forwards CPU extracted frames to eight CPU extraction queues that per queue are
mapped to one of the two CPU ports (by means of QFWD:SYSTEM:FRAME_COPY_CFG[0:7]) that the
CPU can access. For each CPU extraction queue, it is possible to specify the egress priority
(QFWD:SYSTEM:FRAME_COPY_CFG.FRMC_QOS_ENA). For each CPU port, there is strict priority
selection between the egress queues.
For injection, there are two CPU injection groups that can simultaneously forward frames into the
analyzer. The CPU can access the injection and extraction groups through either a Frame DMA or direct
register access.
For more information about injecting and extracting CPU traffic through front ports used as NPI port, see
Internal Frame Header Placement, page 13; Setting Up a Port for Frame Injection, page 51; and
Forwarding to GCPU, page 267.
3.32.1
Frame Injection
The traffic at any injection pipeline point from CPU, NPI, and AFI using the IFH
(IFH.MISC.PIPELINE_ACT:= INJ_MASQ and IFH.MISC.PIPELINE_PT: = <value>).
When a frame is injected at a given pipeline point, it is logically not processed in the flow before reaching
the injection point. For example, a frame injected at the ANA_CLM pipeline point bypasses VRAP
detection, port Down-MEP handling, and basic classification, which requires the frame to be injected with
an IFH configured with all the fields normally set by Basic classification.
Injecting a frame at the ANA_DONE pipeline point causes it to bypass the complete analyzer and
destination port must be specified in IFH (IFH.MISC.DPORT = <egress port>).
Frames can be injected as either unicast or as multicast:
•
Unicast injection that allows injection into a single egress port (configured in IFH.MISC.DPORT) with
all IFH.DST.ENCAP operators available in the Rewriter such as OAM and PTP detection and
hardware handling (if IFH.FWD.DST_MODE is set to ENCAP).
•
Multicast injection that allows injection to multiple egress ports (IFH.FWD.DST_MODE = INJECT
and IFH.DST.INJECT.PORT_MASK). Because IFH.DST is used for specifying the destination set, it
is not possible to use IFH.DST.ENCAP for this type of injection and all IFH.DST.ENCAP fields will
default to 0. This mode bypasses the analyzer, meaning that all IFH fields used by rewriter must be
given a proper value by software.
3.32.1.1 Masqueraded Injection
The device supports masqueraded injection of frames from CPU where processing of the frame is done
as if the frame was received on the masqueraded port (IFH.MISC.PIPELINE_ACT=INJ_MASQ and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com