Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 315 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 315 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 311Page - Microsemi Corporation VSC7440 Datasheet HTML 312Page - Microsemi Corporation VSC7440 Datasheet HTML 313Page - Microsemi Corporation VSC7440 Datasheet HTML 314Page - Microsemi Corporation VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
298
•
Ethernet ring protection switching
•
Port protection switching
•
Linear protection switching for E-Lines
Both ring protection and linear protection can also be supported over a link aggregation group (LAG).
3.34.1
Ethernet Ring Protection Switching
When protection switching occurs in an Ethernet ring (ITU-T G.8032), the following actions must be taken
to restore connectivity.
•
MAC addresses learned on the ring ports for the involved FIDs must be flushed from the MAC table.
This is done using the scan functionality in the LRN block. Using
ANA_L2:COMMON:SCAN_FID_CFG.SCAN_FID_VAL MAC, addresses for up to 16 FIDs can be
flushed at a time.
•
The RPL port must be changed to forwarding state and ports interfacing to the failed link must be
changed to blocking state. For rings supporting many VLANs, this can be done efficiently using
VLAN TUPE.
The following illustration shows an Ethernet ring protection example. Switch A is part of two rings, ring 1
and ring 2. Ring 1 uses 18 VIDs, VID 4-19 and 31-32, for forwarding traffic. Ring 2 uses 32 VIDs, VID 10-
30 and 40-50.
To allow a VLAN TUPE command to identify the VIDs used by each of the two rings, a bit in the
TUPE_CTRL field in the VLAN table is allocated for each of the two rings. In this example, ring 1 uses bit
0 in TUPE_CTRL, and ring 2 uses bit 1.
Figure 97 •
Ethernet Ring Protection Example
The following table shows the configuration of the VLAN table of switch A. The VLAN_PORT_MASK bit
shows only the value for the ring ports. For the other ports (ports 2-6), the VLAN_PORT_MASK bits are
assumed to be 0.
VID 4-9 and 31-32 are only used by ring 1, so only bit 0 is set in TUPE_CTRL. VLAN_PORT_MASK
includes the two ring ports of ring 1, port 0, and port 1.
Table 224 •
VLAN Table Configuration Before APS
Address (VID)
TUPE_CTRL
VLAN_PORT_MASK
VLAN_FID
4-9
0x01
0x0003
4-9
10-19
0x03
0x0083
10-19
31-32
0x01
0x0003
31-32
20-30, 40-50
0x02
0x0080
20-30, 40-50
Ethernet Switch A
0
1
2
3
4
5
6
Ethernet
Switch
B
Ethernet
Switch
C
Ethernet
Switch
D
7
8
Ethernet
Switch
E
Ethernet
Switch
F
Ethernet
Switch
G
Ring protection link (RPL)
Ring 1
VLANs: 4-19, 31-32
Ring 2
VLANs: 10-30, 40-50
RPL port
Ring protectionlink (RPL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com