Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 319 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 319 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 315Page - Microsemi Corporation VSC7440 Datasheet HTML 316Page - Microsemi Corporation VSC7440 Datasheet HTML 317Page - Microsemi Corporation VSC7440 Datasheet HTML 318Page - Microsemi Corporation VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
302
DSM::TAXI_CAL_CFG[2].CAL_PGM_ENA = 1
3.
Configure VCore to operate with lower frequency:
DEVCPU_PTP::PTP_SYS_CLK_CFG.PTP_SYS_CLK_PER_NS = 19,
DEVCPU_PTP::PTP_SYS_CLK_CFG.PTP_SYS_CLK_PER_PS100 = 192,
DEVCPU_GCB::SIO_CLOCK.SYS_CLK_PERIOD = 192,
DEVCPU_GCB::FAN_CFG.CLK_PERIOD = 192.
4.
Configure assembler to operate with lower frequency:
ASM::TIME_TICK_CFG.TIME_TICK_VAL =
873812, ASM::PFC_TIMER_MAX.PFC_TIMER_MAX[1] = 3,
ASM::PFC_TIMER_MAX.PFC_TIMER_MAX[2] = 11,
ASM::PFC_TIMER_MAX.PFC_TIMER_MAX[3] = 27,
ASM::PFC_TIMER_MAX.PFC_TIMER_MAX[4] = 267,
ASM::PFC_TIMER_MAX.PFC_TIMER_MAX[5] = 2667.
5.
Configure analyzer to operate with lower frequency:
ANA_AC_POL:COMMON_SDLB:DLB_CTRL.CLK_PERIOD_01NS = 192,
ANA_AC_POL:COMMON_BDLB:DLB_CTRL.CLK_PERIOD_01NS = 192,
ANA_AC_POL:COMMON_BUM_SLB:DLB_CTRL.CLK_PERIOD_01NS = 192,
LRN::AUTOAGE_CFG_1.CLK_PERIOD_01NS = 192.
6.
Configure scheduler to operate with lower frequency:
HSCH::SYS_CLK_PER.SYS_CLK_PER_100PS = 192.
3.35.2
General Considerations in Low Power Mode
In low power mode, the switch core clock period is 19.2 ns. This must be taken into account for registers
where values depend on the switch core clock frequency. The following registers require special
attention:
•
AFI:TTI_TICKS:TTI_TICK_BASE.BASE_LEN
•
ANA_AC_POL::POL_UPD_INT_CFG.POL_UPD_INT
When the on-chip temperature sensor is enabled in low power mode, the time between temperature
sample refreshes (through HSIO::TEMP_SENSOR_STAT) is increased from 500 ìs to 1.5 ms.
The 1588 timing is less precise in low-power mode because the resolution of the timestamps changes
together with the core clock frequency.
During low power mode, SGMII/SERDES front ports operating in half-duplex mode cannot sustain the
minimum interframe gap of 12 bytes. The expected interframe gap is in the range of 14 to 15 bytes.
3.36
Clocking and Reset
There are two PLLs on the device: PLL and PLL2. The SERDES1G and SERDES6G reference clocks
are driven by PLL. The SERDES10G reference clocks are driven by PLL2. The switch-core clock and the
VCore System clocks are driven by either PLL or PLL2.
PLL2 is disabled by default, but it can be enabled in two ways. It can be strapped to enabled by pulling
strapping input REFCLK2_SEL high during device reset or it can be enabled after booting by writing
HSIO::CLK_CFG.PLL2_ENA.
When PLL2 is enabled during reset, by strapping REFCLK2_SEL high, then PLL2 drives the switch-core
and VCore System clocks. Otherwise, these clocks are driven by PLL. It is possible to re-configure the
source of the switch core clock (including the IEEE 1588 one-second timers) by using
HSIO::CLK_CFG.SWC_CLK_SRC. The VCore System clock source is not reconfigurable.
By using PLL2, the IEEE 1588 clock can be made independent of a clock recovered by Synchronous
Ethernet clock.
The reference clocks for PLL and PLL2 (REFCLK_P/N and REFCLK2_P/N) are either differential or
single-ended. The frequency can be 25 MHz (REFCLK_P/N only), 125 MHz, 156.25 MHz, or 250 MHz.
PLL and PLL2 must be configured for the appropriate clock frequency by using strapping inputs
REFCLK_CONF[2:0] and m REFCLK2_CONF[2:0].
PLL and PLL2 can be used as a recovered clock sources for Synchronous Ethernet. For information
about how to configure PLL and PLL2 clock recovery, see Layer 1 Timing, page 277.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com