Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 323 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 323 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 319Page - Microsemi Corporation VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
306
4.1
VCore-III Configurations
The behavior of the VCore-III system after a reset is determined by four VCore strapping pins that are
overlaid on GPIO pins. The value of these GPIOs is sampled shortly after releasing reset to the device.
For more information about the strapping pins, see Pin Strapping, page 303.
The strapping value determines the reset value for the ICPU_CFG::GENERAL_CTRL register. After
startup, the behavior of the VCore-III system can be modified by changing some of the fields in this
register. The following are common scenarios.
•
After starting the device with the VCore-III CPU disabled, an external CPU can manually boot the
VCore-III CPU from SI Flash by writing ICPU_CFG::GENERAL_CTRL.IF_SI_OWNER = 1,
ICPU_CFG::GENERAL_CTRL.BOOT_MODE_ENA = 1, and
ICPU_CFG::GENERAL_CTRL.CPU_DIS = 0. Endianess is configured by
ICPU_CFG::GENERAL_CTRL.CPU_BE_ENA. Setting GENERAL_CTRL.IF_SI_OWNER disables
the SI slave, so the external CPU must use another interface than SI.
•
After starting the device with the VCore-III CPU disabled and loading software into DDR3/DDR3L
memory, an external CPU can boot the VCore-III CPU from DDR3/DDR3L memory by writing
ICPU_CFG::GENERAL_CTRL.BOOT_MODE_ENA = 0 and
ICPU_CFG::GENERAL_CTRL.CPU_DIS = 0. Endianess is configured using
ICPU_CFG::GENERAL_CTRL.CPU_BE_ENA.
•
After automatically booting from SI Flash, the VCore-III CPU can release the SI interface and enable
the SI slave by writing ICPU_CFG::GENERAL_CTRL.IF_SI_OWNER = 0. This enables SI access
from an external CPU to the device. A special PCB design is required to make the serial interface
work for both Flash and external CPU access.
•
MIIM slave can be manually enabled by writing
ICPU_CFG::GENERAL_CTRL.IF_MIIM_SLV_ENA = 1. The MIIM slave automatically takes control
of the appropriate GPIO pins.
The EJTAG interface of the VCore-III CPU and the Boundary Scan JTAG controller are both multiplexed
onto the JTAG interface of the device. When the JTAG_ICE_nEN pin is low, the MIPS’s EJTAG controller
is selected. When the JTAG_ICE_nEN pin is high, the Boundary Scan JTAG controller is selected.
4.2
Clocking and Reset
The following table lists the registers associated with reset and the watchdog timer.
The VCore-III CPU runs 500 MHz, the DDR3/DDR3L controller runs 312.50 MHz, and the rest of the
VCore-III system runs at 250 MHz.
The VCore-III can be soft reset by setting RESET.CORE_RST_FORCE. By default, this resets both the
VCore-III CPU and the VCore-III system. The VCore-III system can be excluded from a soft reset by
setting RESET.CORE_RST_CPU_ONLY; soft reset using CORE_RST_FORCE only then resets the
VCore-III CPU. The frame DMA must be disabled prior to a soft reset of the VCore-III system. When
CORE_RST_CPU_ONLY is set, the frame DMA, PCIe endpoint, and DDR3/DDR3L controller are not
affected by a soft reset and continue to operate throughout soft reset of the VCore-III CPU.
The VCore-III system comprises all the blocks attached to the VCore Shared Bus (SBA), including the
PCIe, DDR3/DDR3L, and frame DMA/injection/extraction blocks. Blocks attached to the switch core
Register Bus (CSR), including VRAP, SI, and MIIM slaves, are not part of the VCore-III system reset
domain. For more information about the VCore-III system blocks, see Figure 99, page 305.
Table 229 •
Clocking and Reset Configuration Registers
Register
Description
ICPU_CFG::RESET
VCore-III reset protection scheme and initiating soft reset of
the VCore-III system and/or CPU.
DEVCPU_GCB::SOFT_RST
Initiating chip-level soft reset.
ICPU_CFG::WDT
Watchdog timer configuration and status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com