Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 324 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 324 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 320Page - Microsemi Corporation VSC7440 Datasheet HTML 321Page - Microsemi Corporation VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
307
The device can be soft reset by writing SOFT_RST.SOFT_CHIP_RST. The VCore-III system and CPU
can be protected from a device soft reset by writing RESET.CORE_RST_PROTECT = 1 before initiating
a soft reset. In this case, a chip-level soft reset is applied to all other blocks, except the VCore-III system
and the CPU. When protecting the VCore-III system and CPU from a soft reset, the frame DMA must be
disabled prior to a chip-level soft reset. The SERDES and PLL blocks can be protected from reset by
writing to SOFT_RST.SOFT_SWC_RST instead of SOFT_CHIP_RST.
The VCore-III general purpose registers (ICPU_CFG::GPR) and GPIO alternate modes
(DEVCPU_GCB::GPIO_ALT) are not affected by a soft reset. These registers are only reset when an
external reset is asserted.
4.2.1
Watchdog Timer
The VCore system has a built-in watchdog timer (WDT) with a two-second timeout cycle. The watchdog
timer is enabled, disabled, or reset through the WDT register. The watchdog timer is disabled by default.
After the watchdog timer is enabled, it must be regularly reset by software. Otherwise, it times out and
cause a VCore soft reset equivalent to setting RESET.CORE_RST_FORCE. Improper use of the
WDT.WDT_LOCK causes an immediate timeout-reset as if the watchdog timer had timed out. The
WDT.WDT_STATUS field shows if the last VCore-III CPU reset was caused by WDT timeout or regular
reset (possibly soft reset). The WDT.WDT_STATUS field is updated only during VCore-III CPU reset.
To enable or to reset the watchdog timer, write the locking sequence, as described in WDT.WDT_LOCK,
at the same time as setting the WDT.WDT_ENABLE field.
Because watchdog timeout is equivalent to setting RESET.CORE_RST_FORCE, the
RESET.CORE_RST_CPU_ONLY field also applies to watchdog initiated soft reset.
4.3
Shared Bus
The shared bus is a 32-bit address and 32-bit data bus with dedicated master and slave interfaces that
interconnect all the blocks in the VCore-III system. The VCore-III CPU, PCIe inbound, and VCore SBA
access block are masters on the shared bus; only they can start access on the bus.
The shared bus uses byte addresses, and transfers of 8, 16, or 32 bits can be made. To increase
performance, bursting of multiple 32-bit words on the shared bus can be performed.
All slaves are mapped into the VCore-III system’s 32-bit address space and can be accessed directly by
masters on the shared bus. Two possible mappings of VCore-III shared bus slaves are boot mode and
normal mode.
•
Boot mode is active after power-up and reset of the VCore-III system. In this mode, the SI Flash boot
master is mirrored into the lowest address region.
•
In normal mode, the DDR3/DDR3L controller is mirrored into the lowest address region.
Changing between boot mode and normal mode is done by first writing and then reading
ICPU_CFG::GENERAL_CTRL.BOOT_MODE_ENA. A change takes effect during the read.
The device supports up to 1 gigabyte (GB) of DDR3/DDR3L memory. By default, only 512 megabytes
(MB) is accessible in the memory map. To accommodate more than 512 MB of memory, write
ICPU_CFG::MEMCTRL_CFG.DDR_512MBYTE_PLUS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com