Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 326 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 326 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 322Page - Microsemi Corporation VSC7440 Datasheet HTML 323Page - Microsemi Corporation VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
309
4.3.1
VCore-III Shared Bus Arbitration
The following table lists the registers associated with the shared bus arbitration.
The VCore-III shared bus arbitrates between masters that want to access the bus. The default is to use a
strict prioritized arbitration scheme where the VCore-III CPU has highest priority. The strict priorities can
be changed using registers PL_CPU, PL_PCIE, and PL_CSR.
•
*_CPU registers apply to VCore-III CPU access
•
*_PCIE registers apply to inbound PCIe access
•
*_CSR registers apply to VCore-III SBA access block access
It is possible to enable weighted token arbitration scheme (WT_EN). When using this scheme, specific
masters can be guaranteed a certain amount of bandwidth on the shared bus. Guaranteed bandwidth
that is not used is given to other masters requesting the shared bus.
When weighted token arbitration is enabled, the masters on the shared bus are grated a configurable
number of tokens (WT_CPU, WT_PCIE, and WT_CSR) at the start of each refresh period. The length of
each refresh period is configurable (WT_TCL). For each clock cycle that the master uses the shared bus,
the token counter for that master is decremented. When all tokens are spent, the master is forced to a
low priority. Masters with tokens always take priority over masters with no tokens. The strict prioritized
scheme is used to arbitrate between masters with tokens and between masters without tokens.
Example Guarantee That PCIe Can Get 25% Bandwidth. Configure WT_TCL to a refresh period of
2048 clock cycles; the optimal length of the refresh period depends on the scenario, experiment to find
the right setting. Guarantee PCIe access in 25% of the refresh period by setting WT_PCIE to 512 (2048
× 25%). Set WT_CPU and WT_CSR to 0. This gives the VCore-III CPU and CSR unlimited tokens.
Configure PCIe to highest priority by setting PL_PCIe to 15. Finally, enable the weighted token scheme
by setting WT_EN to 1. For each refresh period of 2048 clock cycles, PCIe is guaranteed access to the
shared bus for 512 clock cycles, because it is the highest priority master. When all the tokens are spend,
it is put into the low-priority category.
4.3.2
Chip Register Region
Registers in the VCore-III domain and inside the switch core are memory mapped into the chip registers
region of the shared bus memory map. All registers are 32-bit wide and must only be accessed using 32-
bit reads and writes. Bursts are supported.
Writes to this region are buffered (there is a one-word write buffer). Multiple back-to-back write access
pauses the shared bus until the write buffer is freed up (until the previous writes are done). Reads from
this region pause the shared bus until read data is available.
Table 230 •
Shared Bus Configuration Registers
Register
Description
SBA::PL_CPU
Master priorities
SBA::PL_PCIE
Master priorities
SBA::PL_CSR
Master priorities
SBA::WT_EN
Enable of weighted token scheme
SBA::WT_TCL
Weighted token refresh period
SBA::WT_CPU
Token weights for weighted token scheme
SBA::WT_PCIE
Token weights for weighted token scheme
SBA::WT_CSR
Token weights for weighted token scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com