Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 328 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 328 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 324Page - Microsemi Corporation VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
311
4.3.4
DDR3/DDR3L Region
Read and write access from or to the DDR3/DDR3L region maps to access on the DDR3 interface of the
device using the DDR3 controller. For more information about the DDR3/DDR3L controller and initializing
DDR3/DDR3L memory, see DDR3/DDR3L Memory Controller.
4.3.5
PCIe Region
Read and write access from or to the PCIe region maps to outbound read and write access on the PCIe
interface of the device by means of the PCIe endpoint controller. For more information about the PCIe
endpoint controller and how to reach addresses in 32-bit and 64-bit PCIe environments, see PCIe
Endpoint Controller.
4.4
VCore-III CPU
The VCore-III CPU system is based on a powerful MIPS24KEc-compatible microprocessor with 16-entry
MMU, 32 kilobytes (kB) instruction, and 32 kB data caches.
This section describes how the VCore-III CPU is integrated into the VCore-III system. For more
information about internal VCore-III CPU functions, such as bringing up caches, MMU, and so on, see
the software board support package (BSP) at www.microsemi.com.
When the automatic boot in the little-endian or big-endian mode is enabled using the VCore-III strapping
pins, the VCore-III CPU automatically starts to execute code from the SI Flash at byte address 0.
The following is a typical automatic boot sequence.
1.
Speed up the boot interface. For more information, see SI boot controller.
2.
Initialize the DDR3/DDR3L controller. For more information, see DDR3/DDR3L Memory Controller
3.
Copy code-image from Flash to DDR3/DDR3L memory.
4.
Change memory map from boot mode to normal mode, see Shared Bus.
When automatic boot is disabled, an external CPU is still able to start the VCore-III CPU through
registers. For more information, see VCore Configurations.
The boot vector of the VCore-III CPU is mapped to the start of the KESEG1, which translates to physical
address 0x00000000 on the VCore-III shared bus.
The VCore-III CPU interrupts are mapped to interrupt inputs 0 and 1, respectively.
4.4.1
Little Endian and Big Endian Support
The VCore-III system is constructed as a little endian system, and registers descriptions reflect little
endian encoding. When big endian mode is enabled, instructions and data are byte-lane swapped just
before they enter and when they leave the VCore-III CPU. This is the standard way of translating
between a CPU in big endian mode and a little endian system.
In big endian mode, care must be taken when accessing parts of the memory system that is also used by
users other than the VCore-III CPU. For example, device registers are written and read by the VCore-III
CPU, but they are also used by the device (which sees them in little endian mode). The VCore-III BSP
contains examples of code that correctly handles register access for both little and big endian mode.
Endianess of the CPU is selected by VCore-III strapping pins or by register configuration when manually
booting the CPU. For more information, see VCore-III configurations.
4.4.2
Software Debug and Development
The VCore CPU has a standard MIPS EJTAG debug interface that can be used for breakpoints, loading
of code, and examining memory. When the JTAG_ICE_nEN strapping pin is pulled low, the JTAG
interface is attached to the EJTAG controller.
4.5
External CPU Support
An external CPU attaches to the device through the PCIe, SI, MIIM, or VRAP. Through these interfaces,
an external CPU can access (and control) the device. For more information about interfaces and
connections to device registers, see VCore-III system block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com