Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 329 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 329 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 325Page - Microsemi Corporation VSC7440 Datasheet HTML 326Page - Microsemi Corporation VSC7440 Datasheet HTML 327Page - Microsemi Corporation VSC7440 Datasheet HTML 328Page - Microsemi Corporation VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
312
Inbound PCIe access is performed on the VCore Shared Bus (SBA) in the same way as ordinary VCore-
III CPU access. By means of the switch core Access block it is possible to access the Switch Core
Register (CSR) bus. For more information about supported PCIe BAR regions, see PCIe Endpoint
Controller.
The SI, MIIM, and VRAP interfaces attach directly to the CSR. Through the VCore SBA access block, it is
possible to access the VCore shared bus. For more information, see Access to the VCore Shared Bus.
The external CPU can coexist with the internal VCore-III CPU, and hardware-semaphores and interrupts
are implemented for inter-CPU communication. For more information, see Mailbox and Semaphores.
4.5.1
Register Access and Multimaster Systems
There are three different groups of registers in the device:
•
Switch Core
•
Fast Switch Core
•VCore
The Switch Core registers and Fast Switch Core registers are separated into individual register targets
and attached to the Switch Core Register bus (CSR). The Fast Switch Core registers are placed in the
DEVCPU_QS and DEVCPU_ORG register targets. Access to Fast Switch Core registers is less than
0.1 µs; other Switch Core registers take no more than 1 µs to access.
The VCore registers are attached directly to the VCore shared bus. The access time to VCore registers is
negligible (a few clock cycles).
Although multiple masters can access VCore registers and Switch Core registers in parallel without
noticeable penalty to the access time, the following exceptions apply.
•
When accessing the same Switch Core register target (for example, DEVCPU_GCB), the second
master to attempt access has to wait for the first master to finish (round robin arbitration applies.)
This does not apply to Fast Switch Core register targets (DEVCPU_QS and DEVCPU_ORG).
•
If both the VCore-III CPU and the PCIe master are performing Switch Core Register bus (CSR)
access, both need to be routed through the Switch Core Access block. The second master has to
wait for the first master to finish (shared bus arbitration applies).
•
If two or more SI, MIIM, or VRAP masters are performing VCore register access, they all need to go
through the VCore SBA Access block. Ownership has to be resolved by use of software (for
example, by using the build-in semaphores).
The most common multimaster scenario is with an active VCore-III CPU and an external CPU using
either SI or VRAP. In this case, Switch Core register access to targets that are used by both CPUs may
see two times the access time (no more than 2 µs).
4.5.2
Serial Interface in Slave Mode
This section provides information about the function of the serial interface in slave mode.
The following table lists the registers associated with SI slave mode.
The serial interface implements a SPI-compatible protocol that allows an external CPU to perform read
and write access to register targets within the device. Endianess and bit order is configurable, and
several options for high frequencies are supported.
The serial interface is available to an external CPU when the VCore-III CPU does not use the SI for Flash
or external SI access. For more information, VCore-III System and CPU interfaces.
Figure 102 •
SI Slave Mode Register
Register
Description
DEVCPU_ORG::IF_CTRL
Configuration of endianess and bit order
DEVCPU_ORG::IF_CFGSTAT
Configuration of padding
ICPU_CFG::GENERAL_CTRL
SI interface ownership



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com