Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 333 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 333 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 329Page - Microsemi Corporation VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
316
The address of the register to read/write is set in registers ADDR_REG0 and ADDR_REG1. The data to
write to the register pointed to by the address in ADDR_REG0 and addr_reg1 is first written to
DATA_REG0 and then to DATA_REG1. When the write transaction to DATA_REG1 is completed, the
MIIM slave initiates the switch core register write.
With the register address of a specific register (REG_ADDR), the MIIM address (MIIM_ADDR) is
calculated as:
MIIM_ADDR = (REG_ADDR & 0x00FFFFFF)>>2
The following illustration shows a single MIIM write transaction on the MIIM interface.
Figure 107 •
MIIM Slave Write Sequence
A read transaction is done in a similar way. First, read the DATA_REG0 and then read the DATA_REG1.
As with a write operation. The switch core register read is not initiated before the DATA_REG1 register is
read. In other words, the returned read value is from the previous read transaction.
The following illustration shows a single MIIM read transaction on the MIIM interface.
Figure 108 •
MIIM Slave Read Sequence
4.5.4
Access to the VCore Shared Bus
This section provides information about how to access the VCore shared bus (SBA) from an external
CPU attached by means of the VRAP, SI, or MIIM. The following table lists the registers associated with
the VCore shared bus access.
An external CPU perform 32-bit reads and writes to the SBA through the VCore Access (VA) registers. In
the VCore-III system, a dedicated master on the shared bus handles VA access. For information about
arbitration between masters on the shared bus, see VCore Shared Bus Arbitration.
The SBA address is configured in VA_ADDR. Writing to VA_DATA starts an SBA write with the 32-bit
value that was written to VA_DATA. Reading from VA_DATA returns the current value of the register and
Table 234 •
VCore Shared Bus Access Registers
Register
Description
DEVCPU_GCB::VA_CTRL
Status for ongoing access
DEVCPU_GCB::VA_ADDR
Configuration of shared bus address
DEVCPU_GCB::VA_DATA
Configuration of shared bus address
DEVCPU_GCB::VA_DATA_INCR
Data register, access increments VA_ADDR
DEVCPU_GCB::VA_DATA_INERT
Data register, access does not start new access
MDC
MDIO
//
//
//
//
//
//
//
//
//
//
//
//
PREAMBLE
32 bit
ST
2 bit
OP
2 bit
PHYAD
5 bit
REGAD
5 bit
TA
2 bit
DATA
16 bit
1
0101
1
0
MDC
MDIO
//
//
//
//
//
//
//
//
//
//
//
//
PREAMBLE
32 bit
ST
2 bit
OP
2 bit
PHYAD
5 bit
REGAD
5 bit
TA
2 bit
DATA
16 bit
Z
0
11
01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com