Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 336 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 336 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
319
The device family 0xB004 covers several register-compatible devices. The software driver must
determine actual device ID and revision by reading DEVCPU_GCB::CHIP_ID from the device’s memory
mapped registers region.
For information about base address registers, see Base Address Registers, Inbound Requests.
The IDs, class code, revision ID, and base address register setups can be customized before enabling
the PCIe endpoint. However, it requires a manual bring-up procedure by software running locally on the
VCore-III CPU. For more information, see Enabling the Endpoint.
The endpoint is power management capable and implements PCI Bus Power Management Interface
Specification Revision 1.2. For more information, see Power Management.
The endpoint is MSI capable. Up to four 64-bit messages are supported. Messages can be generated on
rising and falling edges of each of the two external VCore-III interrupt destinations. For more information,
see Outbound Interrupts.
For information about all PCI Express capabilities and extended capabilities register defaults, see the
PCIE region’s register descriptions.
4.6.1
Accessing Endpoint Registers
The root complex accesses the PCIe endpoint’s configuration registers by PCIe CfgRd/CfgWr requests.
The VCore-III CPU can read configuration registers by means of the PCIE region. For more information,
see Chip Register Region. The PCIE region must not be accessed when the PCIe endpoint is disabled.
The PCIe region is used during manual bring-up of PCIe endpoint. By using this region, it is possible to
write most of the endpoint’s read-only configuration registers, such as Vendor ID. The PCIe endpoint’s
read-only configuration register values must not be changed after the endpoint is enabled.
The VCore-III has a few dedicated PCIe registers in the ICPU_CFG:PCIE register group. An external
CPU attached through the PCIe interface has to go through BAR0 to reach these registers.
4.6.2
Enabling the Endpoint
The PCIe endpoint is disabled by default. It can be enabled automatically or manually by either setting
the VCore_CFG strapping pins or by software running in the VCore-III CPU.
The recommended approach is using VCore_CFG strapping pins, because it is fast and does not require
special software running on the VCore-III CPU. The endpoint is ready approximately 50 ms after release
of the device’s nRESET. Until this point, the device ignores any attempts to do link training, and the PCIe
output remains idle (tri-stated).
By using software running on the VCore-III CPU, it is possible to manually start the PCIe endpoint. Note
that PCIe standard specifies a maximum delay from nRESET release to working PCIe endpoint so
software must enable the endpoint as part of the boot process.
The root complex must follow standard PCIe procedures for bringing up the endpoint.
4.6.2.1
Manually Starting MAC/PCS and SerDes
This section provides information about how to manually start up the PCIe endpoint and customize
selected configuration space parameters.
The following table lists the registers related to manually bringing up PCIe.
Table 236 •
Manual PCIe Bring-Up Registers
Register
Description
ICPU_CFG::PCIE_CFG
Disable of automatic link initialization
HSIO::SERDES6G_COMMON_CFG
SERDES configuration
HSIO::SERDES6G_MISC_CFG
SERDES configuration
HSIO::SERDES6G_IB_CFG
SERDES configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com