Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 334 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 334 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 330Page - Microsemi Corporation VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
317
starts an SBA read access, when the read access completes, the result is automatically stored in the
VA_DATA register.
The VA_DATA_INCR register behaves similar to VA_DATA, except that after starting an access, the
VA_ADDR register is incremented by four (so that it points to the next word address in the SBA domain).
Reading from the VA_DATA_INCR register returns the value of VA_DATA, writing to VA_DATA_INCR
overwrites the value of VA_DATA.
Note: By using VA_DATA_INCR, sequential word addresses can be accessed without having to manually
increment the VA_ADDR register between each access.
The VA_DATA_INERT register provides direct access to the VA_DATA value without starting access on
the SBA. Reading from the VA_DATA_INERT register returns the value of VA_DATA, writing to
VA_DATA_INERT overwrites the value of VA_DATA.
The VCore-III shared bus is capable of returning error-indication when illegal register regions are
accessed. If a VA access results in an error-indication from the SBA, the VA_CTRL.VA_ERR field is set,
and the VA_DATA is set to 0x88888888.
Note: Note SBA error indications only occur when non-existing memory regions or illegal registers are
accessed. This will not happen during normal operation, so the VA_CTRL.VA_ERR indication is useful
during debugging only.
Example Reading from ICPU_CFG::GPR[1] through the VA registers. The GPR register is the second
register in the SBA VCore-III Registers region. Set VA_ADDR to 0x70000004, read once from VA_DATA
(and discard the read value). Wait until VA_CTRL.VA_BUSY is cleared, then VA_DATA contains the
value of the ICPU_CFG::GPR[1] register. Using VA_DATA_INERT (instead of VA_DATA) to read the data
is appropriate, because this does not start a new SBA access.
4.5.4.1
Optimized Reading
VCore-III shared bus access is typically much faster than the CPU interface, which is used to access the
VA registers. The VA_DATA register (VA_DATA_INCR and VA_DATA_INERT) return 0x88888888 while
VA_CTRL.VA_BUSY is set. This means that it is possible to skip checking for busy between read access
to SBA. For example, after initiating a read access from SBA, software can proceed directly to reading
from VA_DATA, VA_DATA_INCR, or VA_DATA_INERT
•
If the second read is different from 0x88888888, then the second read returned valid read data (the
SBA access was done before the second read was performed).
•
If the second read is equal to 0x88888888, then the VA logic may have been busy during the read
and additional actions are required: First read the VA_CTRL.VA_BUSY field until the field is cleared
(VA logic is not busy). Then read VA_DATA_INERT. If VA_DATA_INERT returns 0x88888888, then
read-data is actually 0x88888888, continue to the next read. Otherwise, repeat the last read from
VA_DATA, VA_DATA_INCR, or VA_DATA_INERT and then continue to the next read from there.
Optimized reading can be used for single read and sequential read access. For sequential reads, the
VA_ADDR is only incremented on successful (non-busy) reads.
4.5.5
Mailbox and Semaphores
This section provides information about the semaphores and mailbox features for CPU to CPU
communication. The following table lists the registers associated with mailbox and semaphores.
Table 235 •
Mailbox and Semaphore Registers
Register
Description
DEVCPU_ORG::MAILBOX_SET
Atomic set of bits in the mailbox register.
DEVCPU_ORG::MAILBOX_CLR
Atomic clear of bits in the mailbox register.
DEVCPU_ORG::MAILBOX
Current mailbox state.
DEVCPU_ORG::SEMA_CFG
Configuration of semaphore interrupts.
DEVCPU_ORG::SEMA0
Taking of semaphore 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com