Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 335 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 335 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 331Page - Microsemi Corporation VSC7440 Datasheet HTML 332Page - Microsemi Corporation VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
318
The mailbox is a 32-bit register that can be set and cleared atomically using any CPU interface (including
the VCore-III CPU). The MAILBOX register allows reading (and writing) of the current mailbox value.
Atomic clear of individual bits in the mailbox register is done by writing a mask to MAILBOX_CLR. Atomic
setting of individual bits in the mailbox register is done by writing a mask to MAILBOX_SET.
The device implements two independent semaphores. The semaphores are part of the Switch Core
Register Bus (CSR) block and are accessible by means of the fast switch core registers. Semaphore
ownership can be taken by interfaces attached to the CSR. That is, the VCore-III, VRAP, SI, and MIIM
can be granted ownership. The VCore-III CPU and PCIe interface share the same semaphore, because
they both access the CSR through the switch core access block.
Any CPU attached to an interface can attempt to take a semaphore n by reading SEMA0.SEMA0 or
SEMA1.SEMA1. If the result is 1, the corresponding semaphore was successfully taken and is now
owned by that interface. If the result is 0, the semaphore was not free. After a successfully taking a
semaphore, all additional reads from the corresponding register will return 0. To release a semaphore
write 1 to SEMA0.SEMA0 or SEMA1.SEMA1.
Note: Any interface can release semaphores; it does not have to the one that has taken the semaphore. This
allows implementation of handshaking protocols.
The current status for a semaphore is available in SEMA0_OWNER.SEMA0_OWNER and
SEMA1_OWNER.SEMA1_OWNER. See register description for encoding of owners.
Software interrupt is generated when semaphores are free or taken. Interrupt polarity is configured
through SEMA_CFG.SEMA_INTR_POL. Semaphore 0 is hooked up to SW0 interrupt and semaphore 1
is hooked up to SW1 interrupt. For configuration of software-interrupt, see Interrupt Controller.
In addition to interrupting on semaphore state, software interrupt can be manually triggered by writing
directly to the ICPU_CFG::INTR_FORCE register.
Software interrupts (SW0 and SW1) can be individually mapped to either the VCore-III CPU or to
external interrupt outputs (to an external CPU).
4.6
PCIe Endpoint Controller
The device implements a single-lane PCIe 1.x endpoint that can be hooked up to any PCIe capable
system. Using the PCIe interface, an external CPU can access (and control) the device. Ethernet frames
can be injected and extracted using registers or the device can be configured to DMA Ethernet frames
autonomously to/from PCIe memory. The device’s DDR3/DDR3L memory is available through the PCIe
interface, allowing the external CPU full read and write access to DDR3/DDR3L modules attached to the
device. The DDR3/DDR3L controller and memory modules can be initialized either via PCIe or by the
VCore-III CPU.
Both the VCore-III CPU and Frame DMA can generate PCIe read/write requests to any 32-bit or 64-bit
memory region in PCIe memory space. However, it is up to software running on an external CPU to set
up or communicate the appropriate PCIe memory mapping information to the device.
The defaults for the endpoints capabilities region and the extended capabilities region are listed in the
registers list’s description of the PCIE registers. The most important parameters are:
•
Vendor (and subsystem vendor) ID: 0x101B, Microsemi Corporation
•
Device ID: 0xB004, device family ID
•
Revision ID: 0x00, device family revision ID
•
Class Code: 0x028000, Ethernet Network controller
•
Single function, non-Bridge, INTA and Message Signaled Interrupt (MSI) capable device
DEVCPU_ORG::SEMA1
Taking of semaphore 1.
DEVCPU_ORG::SEMA0_OWNER
Current owner of semaphore 0.
DEVCPU_ORG::SEMA1_OWNER
Current owner of semaphore 1.
Table 235 •
Mailbox and Semaphore Registers (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com