Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 339 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 339 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation VSC7440 Datasheet HTML 343Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
322
After the root complex has configured the PCIe endpoint’s MSI Capability Register Set and the external
CPU has configured how interrupts from the VCore-III interrupt controller are propagated to PCIe,
interrupts must then be enabled by setting PCIE_INTR_COMMON_CFG.PCIE_INTR_ENA.
4.6.5
Outbound Access
After the PCIe endpoint is initialized, outbound read/write access to PCIe memory space is initiated by
reading or writing the SBA’s PCIe DMA region.
The following table lists the device registers associated with PCIe outbound access.
The PCIe DMA region is 1 gigabyte. Access in this region is mapped to any 1 gigabyte region in 32-bit or
64-bit PCIe memory space by using address translation. Two address translation regions are supported.
The recommended approach is to configure the first region for SBA outbound access and the second
region for FDMA outbound access.
Address translation works by taking bits [29:0] from the SBA/FDMA address, adding a configurable
offset, and then using the resulting address to access into PCIe memory space. Offsets are configurable
in steps of 64 kilobytes in the ATU_TGT_ADDR_HIGH and ATU_TGT_ADDR_LOW registers.
The software on the VCore-III CPU (or other SBA masters) can dynamically reconfigure the window as
needed; however, the FDMA does not have that ability, so it must be disabled while updating the 1
gigabyte window that is set up for it.
Note: Although the SBA and FDMA both access the PCIe DMA region by addresses 0xC0000000 though
0xFFFFFFFF, the PCIe address translation unit can differentiate between these accesses and apply the
appropriate translation.
4.6.5.1
Outbound SBA Translation Region Configuration
Configure PCIESLV_SBA.SBA_OFFSET = 0 and select address translation region 0 by writing
ATU_REGION.ATU_IDX = 0. Set PCIE::ATU_BASE_ADDR_LOW.ATU_BASE_ADDR_LOW = 0x0000
and PCIE::ATU_LIMIT_ADDR.ATU_LIMIT_ADDR = 0x3FFF.
The following table lists the appropriate PCIe headers that must be configured before using the SBA’s
PCIe DMA region. Remaining header fields are automatically handled.
Table 239 •
Outbound Access Registers
Register
Description
ICPU_CFG::PCIESLV_SBA
Configures SBA outbound requests.
ICPU_CFG::PCIESLV_FDMA
Configures FDMA outbound requests.
PCIE::ATU_REGION
Select active region for the ATU_* registers.
PCIE::ATU_CFG1
Configures TLP fields.
PCIE::ATU_CFG2
Enable address translation.
PCIE::ATU_TGT_ADDR_LOW
Configures outbound PCIe address.
PCIE::ATU_TGT_ADDR_HIGH
Configures outbound PCIe address.
Table 240 •
PCIe Access Header Fields
Header Field
Register::Fields
Attributes
ATU_CFG1.ATU_ATTR
Poisoned Data
PCIESLV_SBA.SBA_EP
TLP Digest Field Present
ATU_CFG1.ATU_TD
Traffic Class
ATU_CFG1.ATU_TC
Type
ATU_CFG1.ATU_TYPE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com