Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 338 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 338 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
321
4.6.3
Base Address Registers Inbound Requests
The device implements three memory regions. Read and write operations using the PCIe are translated
directly to read and write access on the SBA. When manually bringing up the PCIe endpoint, BAR1 can
be disabled. For more information, see Manually Starting MAC/PCS and SerDes.
This region support all access types.
To access the BAR1 region, a Flash must be attached to the SI interface of the device. For information
about how to set up I/O timing and to program the Flash through BAR0; the Chip Registers Region, see
SI Boot Controller, page 333.
To access the BAR2 region, DDR3/DDR3L modules must be present and initialized. For information
about initializing the DDR3/DDR3L controller and modules through BAR0; the Chip Registers, see
DDR3/DDR3L Memory Controller. During manual bring up of PCIe, the size of the BAR2 region can be
changed to match the size of the attached DDR3/DDR3L modules. For more information, see Manually
Starting MAC/PCS and SerDes.
4.6.4
Outbound Interrupts
The device supports both Message Signaled Interrupt (MSI) and Legacy PCI Interrupt Delivery. The root
complex configures the desired mode using the MSI enable bit in the PCIe MSI Capability Register Set.
For information about the VCore-III interrupt controller, see Interrupt Controller, page 364.
The following table lists the device registers associated PCIe outbound interrupts.
In legacy mode, one interrupt is supported; select either EXT_DST0 or EXT_DST1 using
PCIE_INTR_COMMON_CFG.LEGASY_MODE_INTR_SEL. The PCIe endpoint uses Assert_INTA and
Deassert_INTA messages when configured for legacy mode.
In MSI mode, both EXT_DST interrupts can be used. EXT_DST0 is configured though
PCIE_INTR_CFG[0] and EXT_DST1 through PCIE_INTR_CFG[1]. Enable message generation on rising
and/or falling edges in PCIE_INTR_CFG[n].INTR_RISING_ENA and
PCIE_INTR_CFG[n].INTR_FALLING_ENA. Different vectors can be generated for rising and falling
edges, configure these through PCIE_INTR_CFG[n].RISING_VECTOR_VAL and
PCIE_INTR_CFG[n].FALLING_VECTOR_VAL. Finally, each EXT_DST interrupt must be given an
appropriate traffic class via PCIE_INTR_CFG[n].TRAFFIC_CLASS.
Table 237 •
Base Address Registers
Register
Description
BAR0, 32-bit, 32 megabytes
Chip registers region. This region maps to the Chip registers
region in the SBA address space. See Chip Register Region.
This region only supports 32-bit word-aligned reads and
writes. Single and burst accesses are supported.
BAR1, 32-bit, 16 megabytes
SI Flash region. This region maps to the SI Flash region in the
SBA address space. See SI Flash Region.
This region only supports 32-bit word-aligned reads. Single
and burst access is supported.
BAR2, 32-bit, 128 megabytes
DDR3/DDR3L region. This region maps to the low 128
megabytes of the DDR3/DDR3L region in the SBA address
space. See DDR3/DDR3L Region.
Table 238 •
PCIe Outbound Interrupt Registers
Register
Description
ICPU_CFG::PCIE_INTR_COMMON_CFG Interrupt mode and enable
ICPU_CFG::PCIE_INTR_CFG
MSI parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com