Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 337 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 337 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 333Page - Microsemi Corporation VSC7440 Datasheet HTML 334Page - Microsemi Corporation VSC7440 Datasheet HTML 335Page - Microsemi Corporation VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
320
Disable automatic link training for PICe endpoint.
1.
PCIE_CFG.LTSSM_DIS = 1. Configure and enable PCIe SERDES for 2G5 mode.
1.
SERDES6G_MISC_CFG = 0x00000031.
2.
SERDES6G_OB_CFG = 0x60000171.
3.
SERDES6G_OB_CFG1 = 0x000000B0.
4.
SERDES6G_DES_CFG = 0x000068A6.
5.
SERDES6G_IB_CFG = 0x3D57AC37.
6.
SERDES6G_IB_CFG1 = 0x00110FF0.
7.
SERDES6G_COMMON_CFG = 0x00024009.
8.
MCB_SERDES6G_ADDR_CFG = 0x80000004 and wait until bit 31 is cleared.
9.
SERDES6G_PLL_CFG = 0x00030F20.
10. MCB_SERDES6G_ADDR_CFG = 0x80000004 and wait until bit 31 is cleared.
11. Wait at least 20 ms.
12. SERDES6G_IB_CFG = 0x3D57AC3F.
13. SERDES6G_MISC_CFG = 0x00000030.
14. MCB_SERDES6G_ADDR_CFG = 0x80000004 and wait until bit 31 is cleared.
15. Wait at least 60 ms.
16. SERDES6G_IB_CFG = 0x3D57ACBF.
17. SERDES6G_IB_CFG1 = 0x00103FF0.
18. MCB_SERDES6G_ADDR_CFG = 0x80000004 and wait until bit 31 is cleared.
To optionally disable BAR1:
1.
PCIE_CFG.PCIE_BAR_WR_ENA = 1
2.
BAR1 = 0x00000000
3.
PCIE_CFG.PCIE_BAR_WR_ENA = 0
To optionally increase BAR2 from 128 to 256 megabytes:
1.
PCIE_CFG.PCIE_BAR_WR_ENA = 1
2.
BAR2 = 0x0FFFFFFF
3.
PCIE_CFG.PCIE_BAR_WR_ENA = 0
To optionally change selected PCIe configuration space values:
•
Write Vendor ID/Device ID using DEVICE_ID_VENDOR_ID.
•
Write Class Code/Revision ID using CLASS_CODE_REVISION_ID.
•
Write Subsystem ID/Subsystem Vendor ID using SUBSYSTEM_ID_SUBSYSTEM_VENDOR_ID.
Enable automatic link training for PCIe endpoint
1.
PCIE_CFG.LTSSM_DIS = 0
The last step enables the endpoint for link training, and the root complex will then be able to initialize the
PCIe endpoint. After this the PCIE parameters must not be changed anymore.
HSIO::SERDES6G_IB_CFG1
SERDES configuration
HSIO::SERDES6G_OB_CFG
SERDES configuration
HSIO::SERDES6G_OB_CFG1
SERDES configuration
HSIO::SERDES6G_DES_CFG
SERDES configuration
HSIO::SERDES6G_PLL_CFG
SERDES configuration
HSIO::SERDES6G_MISC_CFG
SERDES configuration
HSIO::MCB_SERDES6G_ADDR_CFG
SERDES configuration
PCIE::DEVICE_ID_VENDOR_ID,
PCIE::CLASS_CODE_REVISION_ID,
PCIE::SUBSYSTEM_ID_SUBSYSTEM_VENDOR_ID
Device parameter customization
PCIE::BAR1, PCIE::BAR2
Base address register customization
Table 236 •
Manual PCIe Bring-Up Registers (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com