Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 340 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 340 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 336Page - Microsemi Corporation VSC7440 Datasheet HTML 337Page - Microsemi Corporation VSC7440 Datasheet HTML 338Page - Microsemi Corporation VSC7440 Datasheet HTML 339Page - Microsemi Corporation VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation VSC7440 Datasheet HTML 343Page - Microsemi Corporation VSC7440 Datasheet HTML 344Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
323
Configure the low address of the destination window in PCIe memory space as follows:
•
Set ATU_TGT_ADDR_HIGH.ATU_TGT_ADDR_HIGH to bits [63:32] of the destination window. Set
to 0 when a 32-bit address must be generated.
•
Set ATU_TGT_ADDR_LOW.ATU_TGT_ADDR_LOW to bits [31:16] of the destination window. This
field must not be set higher than 0xC000.
Enable address translation by writing ATU_CFG2.ATU_REGION_ENA = 1. SBA access in the PCIe
DMA region is then mapped to PCIe memory space as defined by ATU_TGT_ADDR_LOW and
ATU_TGT_ADDR_HIGH.
The header fields and the PCIe address fields can be reconfigured on-the-fly as needed; however, set
ATU_REGION.ATU_IDX to 0 to ensure that the SBA region is selected.
4.6.5.2
Configuring Outbound FDMA Translation Region
Configure PCIESLV_FDMA.FDMA_OFFSET = 1, and select address translation region 1 by writing
ATU_REGION.ATU_IDX = 1.
Set PCIE::ATU_BASE_ADDR_LOW.ATU_BASE_ADDR_LOW = 0x4000 and
PCIE::ATU_LIMIT_ADDR.ATU_LIMIT_ADDR = 0x7FFF.
The FDMA PCIe header must be MRd/MWr type, reorderable, cache-coherent, and without ECRC.
Remaining header fields are automatically handled.
Configure low address of destination window in PCIe memory space as follows:
•
Set ATU_TGT_ADDR_HIGH.ATU_TGT_ADDR_HIGH to bits [63:32] of the destination window. Set
to 0 when a 32-bit address must be generated.
•
Set ATU_TGT_ADDR_LOW.ATU_TGT_ADDR_LOW to bits [31:16] of the destination window. This
field must not be set higher than 0xC000.
Enable address translation by writing ATU_CFG2.ATU_REGION_ENA = 1. The FDMA can be
configured to make access in the 0xC0000000 - 0xFFFFFFFF address region. These accesses will then
be mapped to PCIe memory space as defined by ATU_TGT_ADDR_LOW and ATU_TGT_ADDR_HIGH.
The FDMA must be disabled if the address window needs to be updated.
4.6.6
Power Management
The device’s PCIe endpoint supports D0, D1, and D3 device power-management states and associated
link power-management states. The switch core does not automatically react to changes in the PCIe
endpoint’s power management states. It is, however, possible to enable a VCore-III interrupt on device
Byte Enables
PCIESLV_SBA.SBA_BE
Message Code
ATU_CFG2.ATU_MSG_CODE
Table 241 •
FDMA PCIe Access Header Fields
Header Field
Register::Fields
Suggested Value
Attributes
ATU_CFG1.ATU_ATTR
Set to 2
TLP Digest Field Present
ATU_CFG1.ATU_TD
Set to 0
Traffic Class
ATU_CFG1.ATU_TC
Use an appropriate traffic class
Type
ATU_CFG1.ATU_TYPE
Set to 0
Table 240 •
PCIe Access Header Fields (continued)
Header Field
Register::Fields



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com