Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 344 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 344 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 340Page - Microsemi Corporation VSC7440 Datasheet HTML 341Page - Microsemi Corporation VSC7440 Datasheet HTML 342Page - Microsemi Corporation VSC7440 Datasheet HTML 343Page - Microsemi Corporation VSC7440 Datasheet HTML 344Page - Microsemi Corporation VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
327
DCBs are linked together by the DCB’s LLP field. The last DCB in a chain must have LLP = NULL.
Chains consisting of a single DCB are allowed.
Figure 109 •
FDMA DCB Layout
4.7.2
Enabling and Disabling FDMA Channels
To enable a channel (ch), write a valid DCB pointer to FDMA_DCB_LLP[ch] and enable the channel by
setting FDMA_CH_ACTIVATE.CH_ACTIVATE[ch]. This makes the FDMA load the DCB from memory
and start either injection or extraction.
To schedule a channel for disabling, set FDMA_CH_DISABLE.CH_DISABLE[ch]. An active channel
does not disable immediately. Instead it waits until the current data block is done, saves the status word,
and then disables.
Channels can be in one of three states: DISABLED, UPDATING, or ACTIVE. Channels are DISABLED
by default. When the channel is reading a DCB or writing the DCB status word, it is considered to be
UPDATING. The status of individual channels is available in FDMA_CH_STAT.CH_STAT[ch].
The following illustration shows the FDMA channel states.
BLOCKL [15:0]: Number of frame-data
bytes in the data block. BLOCKL does not
include offset bytes.
[31:24]: For SW
use. FDMA will not
modify.
DATAL [15:0]: Number of bytes available in
the data block associated with this DCB.
DATAL must be a complete number of words
(bit [1:0] = 00).
DATAP [31:0]: Data block pointer, this field points to the data block associated with this
DCB. DATAP must be !=NULL and must point to a word-aligned address (bit [1:0] = 00).
LLP [31:0]: Linked List Pointer, this field points to the next DCB in the list, set to NULL for
end of list. DCBs must be word-aligned, which means LLP must point to a word-aligned
address (bit [1:0] = 00).
word-address n
n + 1
n + 2
n + 3
STAT[16] SOF: Set to 1 if data block contains start of frame.
STAT[17] EOF: Set to 1 if data block contains end of frame.
STAT[18] ABORT: Abort indication.
Extraction: Set to 1 if the frame associated with the data block was aborted.
Injection: If set to 1 when FDMA loads the DCB, it aborts the frame associated with the data block.
STAT[19] PD: Pruned/Done indication.
Extraction: Set to 1 if the frame associated with the data block was pruned.
Injection: The FDMA set this to 1 when done processing the DCB. If set to 1 when FDMA loads the DCB, it
is treated as ABORT.
DATAL
STAT
DATAP
LLP
[23:18]:
Must be 0.
DATAL[16] SIG: If set to 1 when FDMA loads the DCB, the CH_CNT_SIG counter is incremented by one.
16
17
18
19
16
BLOCKO [31:20]: Byte offset
from beginning of the data block
to the first byte of frame-data.
17
DATAL[17] TOKEN: Token indication, only used during injection.
If set to 1, the FDMA uses one token (CH_INJ_TOKEN_CNT) when injecting the contents of the DCB. If the
token counter is 0 when loading the DCB, then injection is postponed until tokens are made available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com