Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 348 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 348 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 344Page - Microsemi Corporation VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
331
The rate by which the FDMA injects frames can be shaped by using tokens. Each injection channel has
an associated token counter (FDMA_CH_INJ_TOKEN_CNT[ich]). A DCB that has the DATAL.TOKEN
field set causes the injection channel to deduct one from the token counter before the data block of the
DCB can be injected. If the token counter is at 0, the injection channel postpones injection until the
channels token counter is set to a value different from 0.
Tokens can be added to the token counter by writing the FDMA_CH_INJ_TOKEN_CNT[ich] register.
Tokens can also be added automatically (with a fixed interval) by using the dedicated token tick counter.
Setting FDMA_CH_INJ_TOKEN_TICK_RLD[ich] to a value n (different from 0) will cause one token to be
added to that injection channel every n x 200 ns.
4.7.7
Manual Mode
The decision making logic of the FDMA extraction path and/or injection paths can be disabled to give
control of the FDMA’s extraction and/or injection buffers directly to any master attached to the Shared
Bus Architecture. When operating in manual mode DCB structure, counters and most of the interrupts do
not apply.
Manual extraction and injection use hard-coded channel numbers.
•
Manual extraction mode uses FDMA channel 1 (port 54 extraction direction).
•
Manual injection mode uses FDMA channel 9 (port 54 injection direction).
To enable manual extraction, set MANUAL_CFG.XTR_ENA. The FDMA must not be enabled for FDMA
extraction when manual extraction mode is active. To enable manual injection, set
MANUAL_CFG.INJ_ENA and FDMA_CH_CFG[9].CH_INJ_CRP = 1. The FDMA must not be enabled for
FDMA injection when manual injection mode is active. Extraction and injection paths are independent.
For example, FDMA can control extraction at the same time as doing manual injection by means of the
CPU.
4.7.7.1
Manual Extraction
Extraction is done by reading one or more blocks of data from the extraction memory area. A block of
data is defined by reading one or more data words followed by reading of the extraction status word. The
extraction memory area is 16 kilobytes and is implemented as a replicated register region
MANUAL_XTR. The highest register in the replication (0xFFF) maps to the extraction status word. The
status word is updated by the extraction logic and shows the number of frame bytes read, SOF and EOF
indications, and PRUNED/ABORT indications.
Note: During frame extraction, the CPU does not know the frame length. This means that the CPU must check
for EOF regularly during frame extraction. When reading a data block from the device, the CPU can burst
read from the memory area in such a way that the extraction status word is read as the last word of the
burst.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com