Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 349 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 349 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
332
Figure 112 •
Extraction Status Word Encoding
The extraction logic updates the extraction status word while the CPU is reading out data for a block.
Prior to starting a new data block, the CPU can write the two least significant bits of the BLOCKO field.
The BLOCKO value is stored in the extraction logic and takes effect when the new data block is started.
Reading the status field always returns the BLOCKO value that applies to the current data block. Unless
written (before stating a data block), the BLOCKO is cleared, so by default all blocks have 0 byte offset.
The offset can be written multiple times; the last value takes effect.
The CPU can abort frames that it has already started to read out by writing the extraction status field with
the ABORT field set. All other status-word fields will be ignored. This causes the extraction logic to
discard the active frame and remove it from the queuing system.
Reading of block data does not have to be done in one burst. As long as the status word is not read,
multiple reads from the extraction region are treated as belonging to the same block.
4.7.7.2
Manual Injection
Injection is done by writing one or more blocks of data to the injection memory area. A block of data is
defined by writing an injection status word followed by writing one or more data words. The injection
memory area is 16 kilobytes and is implemented as a replicated register region MANUAL_INJ. The first
register in this replication maps to the injection status word. The status word for each block defines the
following:
•
Number of bytes to be injected
•
Optional byte offset before injection data
•
SOF and EOF indications
•
Optional ABORT indication
Note: In general, it makes sense to inject frames as a single large block of data (containing both SOF and
EOF). However, because offset/length can be specified individually for each block, injecting frames
through several blocks is useful when compensating for offset/word misalignment. For example, when
building a frame from different memory regions in the CPU main memory.
[31:20]
[15:0]
16
17
18
19
BLOCKL: The amount of frame data (bytes) that
has been read in this block. The CPU might have
read more data than this, only valid frame data
(including Extraction Header) is counted here.
SOF: Start of frame, set if this block contains
start of a frame.
EOF: End of frame, set if this block contains end
of a frame.
ABORT: Set if this frame has been aborted by
the Queuing System. Write ‘1’ to discard the
remainder of the active frame.
PD: Pruned indication, set if the frame has been
pruned to less than original length.
BLOCKO: The amount of dummy bytes (non-frame
data) read before start of frame data.
BLOCKL
BLOCKO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com