Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 347 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 347 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 343Page - Microsemi Corporation VSC7440 Datasheet HTML 344Page - Microsemi Corporation VSC7440 Datasheet HTML 345Page - Microsemi Corporation VSC7440 Datasheet HTML 346Page - Microsemi Corporation VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
330
Figure 111 •
FDMA Channel Interrupt Hierarchy
4.7.5
FDMA Extraction
During extraction, the FDMA extracts Ethernet frame data from the Queuing System and saves it into the
data block of the DCB that is currently loaded by the FDMA extraction channel. The FDMA continually
processes DCBs until it reaches a DCB with LLP = NULL or until it is disabled.
When an extraction channel writes the status word of a DCB, it updates SOF/EOF/ABORT/PRUNED-
indications and BLOCKL. BLOCKO remains unchanged (write value is taken from the value that was
read when the DCB was loaded).
Aborting frames from the queuing system will not occur during normal operation. If the queuing system is
reset during extraction of a particular frame, then ABORT and EOF is set. Software must discard frames
that have ABORT set.
Pruning of frames during extraction is enabled per extraction port through
XTR_FRM_PRUNING[group].PRUNE_SIZE. When enabled, Ethernet frames above the configured size
are truncated, and PD and EOF is set.
4.7.6
FDMA Injection
During injection, the FDMA reads Ethernet frame data from the data block of the DCB that is currently
loaded by the FDMA injection channel and injects this into the queuing system. The FDMA continually
processes DCBs until it reaches a DCB with LLP = NULL or until it is disabled.
When an injection channel writes the status word of a DCB, it sets DONE indication. All other status word
fields remain unchanged (write value is stored the first time the injection channel loads the DCB).
INTR_LLP[ch]
INTR_LLP_ENA[ch]
AND
OR
INTR_IDENT[ch]
AND
INTR_ENA[ch]
EVT_ERR[ch]
INTR_FRM[ch]
INTR_FRM_ENA[ch]
AND
INTR_SIG[ch]
INTR_SIG_ENA[ch]
AND
INTR_XTR_SOF_RDY
INTR_XTR_SOF_RDY_ENA
AND
INTR_XTR_ANY_RDY
INTR_XTR_SOF_ANY_ENA
AND
INTR_INJ_RDY
INTR_INJ_RDY_ENA
AND
Only for highest numbered extraction channel
Only for highest numbered injection channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com