Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 351 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 351 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 347Page - Microsemi Corporation VSC7440 Datasheet HTML 348Page - Microsemi Corporation VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
334
By default, the SI boot controller operates in 24-bit address mode. In this mode, there are four
programmable chip selects when the VCore-III system controls the SI. Each chip select can address up
to 16 megabytes (MB) of memory.
Figure 114 •
SI Boot Controller Memory Map in 24-Bit Mode
The SI boot controller can be reconfigured for 32-bit address mode through SPI_MST_CFG.A32B_ENA.
In 32-bit mode, the entire SI region of 256 megabytes (MB) is addressed using chip select 0.
Figure 115 •
SI Boot Controller Memory Map in 32-Bit Mode
Reading from the memory region for a specific SI chip select generates an SI read on that chip select.
The VCore-III CPU can execute code directly from Flash by executing from the SI boot controller’s
memory region. For 32-bit capable SI Flash devices, the VCore-III must start up in 24-bit mode. During
the boot process, it must manually reconfigure the Flash device (and SI boot controller) into 32-bit mode
and then continue booting.
The SI boot controller accepts 8-bit, 16-bit, and 32-bit read access with or without bursting. Writing to the
SI requires manual control of the SI pins using software. Setting SW_MODE.SW_PIN_CTRL_MODE
places all SI pins under software control. Output enable and the value of SI_CLK, SI_DO, SI_nCSn are
controlled through the SW_MODE register. The value of the SI_DI pin is available in
SW_MODE.SW_SPI_SDI. The software control mode is provided for legacy reasons; new
implementations should use the dedicated master controller for writing to the serial interface. For more
information see SI Master Controller, page 335.
Note: The VCore-III CPU cannot execute code directly from the SI boot controller’s memory region at the same
time as manually writing to the serial interface.
The following table lists the serial interface pins when the SI boot controller is configured as owner of SI
interface in GENERAL_CTRL.IF_SI_OWNER. For more information about overlaid functions on the
GPIOs for these signals, see GPIO Overlaid Functions, page 352.
The SI boot controller does speculative prefetching of data. After reading address n, the SI boot
controller automatically continues reading address n + 1, so that the next value is ready if requested by
Table 246 •
Serial Interface Pins
Pin Name
I/O
Description
SI_nCS0
SI_nCS[3:1]/GPIO
O
Active low chip selects. Only one chip select can be active at any
time. Chip selects 1 through 3 are overlaid functions on GPIO pins.
SI_CLK
O
Clock output.
SI_DO
O
Data output (MOSI).
SI_DI
I
Data input (MISO).
SI Controller Memory Map
Chip Select 0, SI_nCS0
SI Controller
16 MB
Chip Select 1, SI_nCS1
+0x01000000
16 MB
Chip Select 2, SI_nCS2
16 MB
Chip Select 3, SI_nCS3
16 MB
+0x02000000
+0x03000000
SI Controller Memory Map (32- bit)
Chip Select 0, SI_nCS0
SI Controller
256 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com