Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 353 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 353 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 349Page - Microsemi Corporation VSC7440 Datasheet HTML 350Page - Microsemi Corporation VSC7440 Datasheet HTML 351Page - Microsemi Corporation VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
336
The following table lists the registers associated with the SI master controller.
The SI master controller supports Motorola SPI and Texas Instruments SSP protocols. The default
protocol is SPI, enable SSP by setting CTRLR0.FRF = 1 and GENERAL_CTRL.SSP_MODE_ENA = 1.
The protocol baud rate is programmable in BAUDR.SCKDV; the maximum baud rate is 25 MHz.
Before the SI master controller can be used, it must be set as owner of the serial interface. This is done
by writing GENERAL_CTRL.IF_SI_OWNER = 2.
The SI master controller has a programmable frame size. The frame size is the smallest unit when
transferring data over the SI interface. Using CTRLR0.DFS, the frame size is configured in the range of 4
bits to 16 bits. When reading or writing words from the transmit/receive FIFO, the number of bits that is
stored per FIFO-word is always equal to frame size (as programmed in CTRLR0.DFS).
The controller operates in one of three following major modes: Transmit and receive, transmit only, or
receive only. The mode is configured in CTRLR0.TMOD.
Transmit and receive. software paces SI transactions. For every data frame that software writes to the
transmission FIFO, another data frame is made available in the receive FIFO (receive data from the
serial interface). Transaction will go on for as long as there is data available in the transmission FIFO.
Transmit only. Software paces SI transactions. The controller transmits only; receive data is discarded.
Transaction will go on for as long as there is data available in the transmission FIFO.
Receive only. The controller paces SI transactions. The controller receives only data, software requests
a specific number of data frames by means of CTRLR1.NDF, the transaction will go on until all data
frames has been read from the SI interface. Transaction is initiated by software writing one data frame to
transmission FIFO. This frame is not used for anything else than starting the transaction. The SI_DO
output is undefined during receive only transfers. Receive data frames are put into the receive FIFO as
they are read from SI.
Table 247 •
SI Master Controller Configuration Registers Overview
Register
Description
SIMC::CTRLR0
Transaction configuration
SIMC::CTRLR1
Configurations for receive-only mode
SIMC::SIMCEN
SI master controller enable
SIMC::SER
Slave select configuration
SIMC::BAUDR
Baud rate configuration
SIMC::TXFTLR
Tx FIFO threshold level
SIMC::RXFTLR
Rx FIFO Threshold Level
SIMC::TXFLR
Tx FIFO fill level
SIMC::RXFLR
Rx FIFO fill level
SIMC::SR
Various status indications
SIMC::IMR
Interrupt enable
SIMC::ISR
Interrupt sources
SIMC::RISR
Unmasked interrupt sources
SIMC::TXOICR
Clear of transmit FIFO overflow interrupt
SIMC::RXOICR
Clear of receive FIFO overflow interrupt
SIMC::RXUICR
Clear of receive FIFO underflow interrupt
SIMC::DR
Tx/Rx FIFO access
ICPU_CFG::GENERAL_CTRL
Interface configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com