Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 356 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 356 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 352Page - Microsemi Corporation VSC7440 Datasheet HTML 353Page - Microsemi Corporation VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
339
4.8.2.3
SIMC SSP 2x Transfers
4.8.2.4
SIMC Interrupts
The SI master controller has five interrupt sources:
•
RXF interrupt is asserted when the fill level of the receive FIFO (available in RXFLR) exceeds the
programmable level set in RXFTLR. This interrupt is non-sticky; it is deasserted when fill level is
decreased below the programmable level.
•
RXO interrupt is asserted on receive FIFO overflow. This interrupt is cleared by reading the RXOICR
register.
•
RXU interrupt is asserted when reading from an empty receive FIFO. This interrupt is cleared by
reading the RXUICR register.
•
TXO interrupt is asserted when writing to a full transmit FIFO. This interrupt is cleared by reading the
TXOICR register.
•
TXE interrupt is asserted when the fill level of the transmit FIFO (available in TXFLR) is below the
programmable level set in TXFTLR. This interrupt is non-sticky; it is deasserted when fill level is
increased above the programmable level.
The raw (unmasked) status of these interrupts is available in the RISR register. Each of the interrupts can
be individually masked by the IMR register. All interrupts are enabled by default. The currently active
interrupts are shown in the ISR register.
If the RXO, RXU, and TXO interrupts occur during normal use of the SI master controller, it is an
indication of software problems.
Interrupt is asserted towards the VCore-III interrupt controller when any enabled interrupt is asserted and
the SI master controller is enabled.
4.8.2.5
SIMC Programming Example
This example shows how to use the SI master controller to interface with the SI slave of another device.
The slave device will be initialized for big endian/most significant bit first mode and then the
DEVCPU_GCB::GPR register is written with the value 0x01234567. It is assumed that the other device’s
SI slave is connected on SI_nCS1 (and that appropriate GPIO alternate function has been enabled).
The SI slave is using a 24-bit address field and a 32-bit data field. This example uses 4 x 16-bit data
frames to transfer the write-access. This means that 8 bits too much will be transferred, this is not a
problem for the Microsemi SI slave interface; it ignores data above and beyond the 56 bit required for a
write-access.
For information about initialization and how to calculate the 24-bit SI address field, see Serial Interface in
Slave Mode, page 312. The address-field when writing DEVCPU_GCB::GPR is 0x804001 (including
write-indication).
The following steps are required to bring up the SI master controller and write twice to the SI slave
device.
Important The following procedure disconnects the SI boot master from the SI interface. Booting must
be done before attempting to overtake the boot-interface.
SI_nCS0
SI_CLK
SI_DO
SI_DI
53
2
3
2
1
0
First frame
4
53
2
3
2
1
0
4
105
4
105
4
Second frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com