Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 358 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 358 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 354Page - Microsemi Corporation VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
341
The following steps are required to bring up the memory controller.
1.
Release the controller from reset by clearing RESET.MEM_RST_FORCE.
2.
Configure timing and mode parameters. These depend on the DDR3/DDR3L module and
configuration selected for the device. For more information, see DDR3/DDR3L Timing and Mode
Configuration Parameters, page 341.
3.
Enable and calibrate the SSTL I/Os. For more information, see Enabling and Calibrating SSTL I/Os.
4.
Initialize the memory controller and modules. For more information, see Memory Controller and
Module Initialization.
5.
Calibrate the DQS read window. For more information, see DQS Read Window Calibration.
6.
Optionally configure ECC and 1 gigabyte support. For more information, see ECC and 1-Gigabyte
Support, page 345.
4.8.3.1
DDR3/DDR3L Timing and Mode Configuration Parameters
This section provides information about each of the parameters that must be configured prior to
initialization of the memory controller. It provides a quick overview of fields that must be configured and
their recommended values. For more information about each field, see the register list.
The memory controller operates at 312.5 MHz, and the corresponding DDR clock period is 3.2 ns
(DDR625). When a specific timing value is used in this section (for example, tMOD), it means that the
corresponding value from the memory module datasheet is expressed in memory controller clock cycles
(divided by 3.2 ns and rounded up and possibly adjusted for minimum clock cycle count).
The following table defines general parameters for DDR3/DDR3L required when configuring the memory
controller.
The following table lists the memory controller registers that must be configured before initialization. It is
recommended to configure all fields listed, even when ODT or dual row configurations are not used.
Table 250 •
General DDR3/DDR3L Timing and Mode Parameters
Parameter
DDR3/DDR3L
RL
CL
WL
CWL
MD
tMOD
ID
tXPR
SD
tDLLK
OW
2
OR
2
RP
tRP
FAW
tFAW
BL
4
MR0
((RL-4)<<4) | ((tWR-4)<<9)
MR1
0x0040
MR2
((WL-5)<<3)
MR3
0x0000
Table 251 •
Memory Controller Configuration
Register Field
Description
MEMCTRL_CFG.DDR_MODE
Set to 1 for DDR3/DDR3L mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com