Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 359 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 359 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 355Page - Microsemi Corporation VSC7440 Datasheet HTML 356Page - Microsemi Corporation VSC7440 Datasheet HTML 357Page - Microsemi Corporation VSC7440 Datasheet HTML 358Page - Microsemi Corporation VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
342
MEMCTRL_CFG.DDR_WIDTH
Set to 0 when using 1 byte lane.
Set to 1 when using 2 byte lanes.
MEMCTRL_CFG.MSB_COL_ADDR
Set to one less than the number of column address bits
for the modules.
MEMCTRL_CFG.MSB_ROW_ADDR
Set to one less than the number of row address bits for
the modules. See field description for example.
MEMCTRL_CFG.BANK_CNT
Set to 1.
MEMCTRL_CFG.BURST_LEN
Set to 1.
MEMCTRL_CFG.BURST_SIZE
Set to same value as MEMCTRL_CFG.DDR_WIDTH.
MEMCTRL_CFG.DDR_ECC_ENA
Set to 0 during initialization of the memory controller.
MEMCTRL_CFG.DDR_ECC_COR_ENA
Set to 0 during initialization of the memory controller.
MEMCTRL_CFG.DDR_ECC_ERR_ENA
Set to 0 during initialization of the memory controller.
MEMCTRL_CFG.DDR_512MBYTE_PLUS
Set to 0 during initialization of the memory controller.
MEMCTRL_REF_PERIOD.REF_PERIOD
Set to (tREFI(ns)/3.2ns) round down to the nearest
integer.
MEMCTRL_REF_PERIOD.MAX_PEND_REF
Set to 8.
MEMCTRL_TIMING0.RD_DATA_XFR_DLY
Set to (RL-3).
MEMCTRL_TIMING0.WR_DATA_XFR_DLY
Set to (WL-1).
MEMCTRL_TIMING0.RD_TO_PRECH_DLY
Set to (BL-1).
MEMCTRL_TIMING0.WR_TO_PRECH_DLY
Set to (WL+BL+tWR-1).
MEMCTRL_TIMING0.RAS_TO_PRECH_DLY
Set to (tRAS(min)-1).
MEMCTRL_TIMING0.RD_CS_CHANGE_DLY
Set to BL.
MEMCTRL_TIMING0.WR_CS_CHANGE_DLY
Set to (BL-1).
MEMCTRL_TIMING0.RD_TO_WR_DLY
Set to (RL+BL+1-WL).
MEMCTRL_TIMING1.WR_TO_RD_DLY
Set to (WL+BL+tWTR-1).
MEMCTRL_TIMING1.RAS_TO_CAS_DLY
Set to (tRCD-1).
MEMCTRL_TIMING1.RAS_TO_RAS_DLY
Set to (tRRD-1).
MEMCTRL_TIMING1.PRECH_TO_RAS_DLY
Set to (tRP-1).
MEMCTRL_TIMING1.BANK8_FAW_DLY
Set to (FAW-1).
MEMCTRL_TIMING1.RAS_TO_RAS_SAME_BANK_DLY Set to (tRC-1).
MEMCTRL_TIMING2.INIT_DLY
Set to (ID-1) during initialization of the memory controller.
MEMCTRL_TIMING2.REF_DLY
Set to (tRFC-1).
MEMCTRL_TIMING2.MDSET_DLY
Set to (MD-1).
MEMCTRL_TIMING2.PRECH_ALL_DLY
Set to (RP-1).
MEMCTRL_TIMING3.WR_TO_RD_CS_CHANGE_DLY
Set to (WL+tWTR-1).
MEMCTRL_TIMING3.LOCAL_ODT_RD_DLY
Set to (RL-3).
MEMCTRL_TIMING3.ODT_WR_DLY
Set to (OW-1).
MEMCTRL_TIMING3.ODT_RD_DLY
Set to (OR-1).
MEMCTRL_MR0_VAL.MR0_VAL
Set to MR0.
Table 251 •
Memory Controller Configuration (continued)
Register Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com