Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 363 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 363 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 359Page - Microsemi Corporation VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
346
By setting TIMER_CTRL[n].ONE_SHOT_ENA, the timer disables itself after generating one interrupt. By
default, timers will decrement, interrupt, and reload indefinitely (or until disabled by clearing
TIMER_CTRL[n].TIMER_ENA).
A timer can be reloaded from TIMER_RELOAD_VALUE[n] at the same time as it is enabled by setting
TIMER_CTRL[n].FORCE_RELOAD and TIMER_CTRL[n].TIMER_ENA at the same time.
Example Configure Timer0 to interrupt every 1 ms. With the default timer tick of 100 µs ten timer ticks
are needed for a timer that wraps every 1 ms. Configure TIMER_RELOAD_VALUE[0] to 0x9, then
enable the timer and force a reload by setting TIMER_CTRL[0].TIMER_ENA and
TIMER_CTRL[0].FORCE_RELOAD at the same time.
4.8.5
UARTs
This section provides information about the UART (Universal Asynchronous Receiver/Transmitter)
controllers. There are two independent UART controller instances in the VCore-III system: UART and
UART2. These instances are identical copies and anywhere in this description the word UART can be
replaced by UART2.
The following table lists the registers associated with the UART.
The VCore-III system UART is functionally based on the industry-standard 16550 UART (RS232
protocol). This implementation features a 16-byte receive and a 16-byte transmit FIFO.
Figure 121 •
UART Timing
The number of data bits, parity, parity-polarity, and stop-bit lengths are all programmable using LCR.
The UART pins on the device are overlaid functions on the GPIO interface. Before enabling the UART,
the VCore-III CPU must enable overlaid modes for the appropriate GPIO pins. For more information
about overlaid functions on the GPIOs for these signals, see GPIO Overlaid Functions, page 352.
The following table lists the pins of the UART interfaces.
Table 253 •
UART Registers
Register
Description
UART::RBR_THR
Receive buffer/transmit buffer/Divisor (low)
UART::IER
Interrupt enable/divisor (high)
UART::IIR_FCR
Interrupt identification/FIFO control
UART::LCR
Line control
UART::MCR
Modem control
UART::LSR
Line status
UART::MSR
Modem status
UART::SCR
Scratchpad
UART::USR
UART status
Table 254 •
UART Interface Pins
Pin Name
I/O
Description
UART_RXD/GPIO
I
UART receive data
1, 1.5, or 2 stop bit(s)
1 start bit
5 to 8 data bits (LSB first) +
optional parity
One Character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com