Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 364 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 364 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 360Page - Microsemi Corporation VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation VSC7440 Datasheet HTML 368Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
347
The baud rate of the UART is derived from the VCore-III system frequency. The divider value is indirectly
set through the RBR_THR and IER registers. The baud rate is equal to the VCore-III system clock
frequency, divided by 16, and multiplied by the value of the baud rate divisor. A divider of zero disables
the baud rate generator and no serial communications occur. The default value for the divisor register is
zero.
Example Configuring a baud rate of 9600 in a 250 MHz VCore-III system. To generate a baud rate of
9600, the divisor register must be set to 0x65C (250 MHz/(16 × 9600 Hz)). Set LCR.DLAB and write
0x5C to RBR_THR and 0x06 to IER (this assumes that the UART is not in use). Finally, clear LCR.DLAB
to change the RBR_THR and IER registers back to the normal mode.
By default, the FIFO mode of the UART is disabled. Enabling the 16-byte receive and 16-byte transmit
FIFOs (through IIR_FCR) is recommended.
Note: Although the UART itself supports RTS and CTS, these signals are not available on the pins of the
device.
4.8.5.1
UART Interrupt
The UART can generate interrupt whenever any of the following prioritized events are enabled (through
IER).
•
Receiver error
•
Receiver data available
•
Character timeout (in FIFO mode only)
•
Transmit FIFO empty or at or below threshold (in programmable THRE interrupt mode)
When an interrupt occurs, the IIR_FCR register can be accessed to determine the source of the interrupt.
Note that the IIR_FCR register has different purposes when reading or writing. When reading, the
interrupt status is available in bits 0 through 3. For more information about interrupts and how to handle
them, see the IIR_FCR register description.
Example Enabling interrupt when transmit fifo is below one-quarter full. To get this type of interrupt, the
THRE interrupt must be used. First, configure TX FIFO interrupt level to one-quarter full by setting
IIR_FCR.TET to 10; at the same time, ensure that the IIR_FCR.FIFOE field is also set. Set IER.PTIME to
enable the THRE interrupt in the UART. In addition, the VCore-III interrupt controller must be configured
for the CPU to be interrupted. For more information, see Interrupt Controller.
4.8.6
Two-Wire Serial Interface
This section provides information about the two-wire serial interface controllers. There are two
independent two-wire serial interface controller instances in the VCore-III system, TWI and TWI2. These
instances are identical copies and anywhere in this description the word TWI can be replaced by TWI2.
The following table lists the registers associated with the two-wire serial interface.
UART_TXD/GPIO
O
UART transmit data
UART2_RXD/GPIO
I
UART2 receive data
UART2_TXD/GPIO
O
UART2 transmit data
Table 255 •
Two-Wire Serial Interface Registers
Register
Description
TWI::CFG
General configuration.
TWI::TAR
Target address.
TWI::SAR
Slave address.
TWI::DATA_CMD
Receive/transmit buffer and command.
Table 254 •
UART Interface Pins (continued)
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com