Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 365 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 365 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 361Page - Microsemi Corporation VSC7440 Datasheet HTML 362Page - Microsemi Corporation VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation VSC7440 Datasheet HTML 368Page - Microsemi Corporation VSC7440 Datasheet HTML 369Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
348
The two-wire serial interface controller is compatible with the industry standard two-wire serial interface
protocol. The controller supports standard speed up to 100 kbps and fast speed up to 400 kbps. Multiple
bus masters, as well as both 7-bit and 10-bit addressing, are also supported.
The two-wire serial interface controller operates as master only.
The two-wire serial interface pins on the device are overlaid functions on the GPIO interface. Before
enabling the two-wire serial interface, the VCore-III CPU must enable overlaid functions for the
appropriate GPIO pins. For more information about overlaid functions on the GPIOs for these signals,
see GPIO Overlaid Functions, page 352.
The following table lists the pins of the two-wire serial interface.
TWI::SS_SCL_HCNT
Standard speed high time clock divider.
TWI::SS_SCL_LCNT
Standard speed low time clock divider.
TWI::FS_SCL_HCNT
Fast speed high time clock divider.
TWI::FS_SCL_LCNT
Fast speed low time clock divider.
TWI::INTR_STAT
Masked interrupt status.
TWI::INTR_MASK
Interrupt mask register.
TWI::RAW_INTR_STAT
Unmasked interrupt status.
TWI::RX_TL
Receive FIFO threshold for RX_FULL interrupt.
TWI::TX_TL
Transmit FIFO threshold for TX_EMPTY interrupt.
TWI::CLR_*
Individual CLR_* registers are used for clearing specific interrupts. See
register descriptions for corresponding interrupts.
TWI::CTRL
Control register.
TWI::STAT
Status register.
TWI::TXFLR
Current transmit FIFO level.
TWI::RXFLR
Current receive FIFO level.
TWI::TX_ABRT_SOURCE
Arbitration sources.
TWI::SDA_SETUP
Data delay clock divider.
TWI::ACK_GEN_CALL
Acknowledge of general call.
TWI::ENABLE_STATUS
General two-wire serial controller status.
ICPU_CFG::TWI_CONFIG
Configuration of TWI_SDA hold-delay.
ICPU_CFG::TWI_SPIKE_FILTER_CFG
Configuration of TWI_SDA spike filter.
Table 256 •
Two-Wire Serial Interface Pins
Pin Name
I/O
Description
TWI_SCL/GPIO
I/O
Two-wire serial interface clock, open-collector output.
TWI_SDA/GPIO
I/O
Two-wire serial interfacedata, open-collector output.
TWI_SCL_Mn/GPIO
I/O
Two-wire serial interface multiplexed clocks (12 instances in total), open-
collector outputs.
TWI_SCL_Mn_AD/GPIO
I/O
Two-wire serial interface multiplexed clocks (4 instances in total). Same as
TWI_SCL_Mn/GPIO but the pin is always driven meaning feedback from slave
devices is not possible.
TWI2_SCL/GPIO
I/O
Two-wire serial interface 2 clock, open-collector output.
Table 255 •
Two-Wire Serial Interface Registers (continued)
Register
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com