Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 367 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 367 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 363Page - Microsemi Corporation VSC7440 Datasheet HTML 364Page - Microsemi Corporation VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation VSC7440 Datasheet HTML 368Page - Microsemi Corporation VSC7440 Datasheet HTML 369Page - Microsemi Corporation VSC7440 Datasheet HTML 370Page - Microsemi Corporation VSC7440 Datasheet HTML 371Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
350
Feedback on the clock (from slow two-wire serial devices) is automatically done for the TWI_SCL_Mn
lines that are enabled.
To enable multiplexed clocks, first configure the TWI_SCL_Mn overlaid mode in the GPIO controller.
Individual TWI_SCL_Mn clocks are then enabled by writing 1 to the corresponding GPIO output bit (in
DEVCPU_GCB::GPIO_OUT). To disable the clock, write 0 to the GPIO output bit. Disabled
TWI_SCL_Mn clocks are not driven during access and the feedback is disabled.
Note: In multiprocessor systems, the DEVCPU_GCB::GPIO_OUT_SET and
DEVCPU_GCB::GPIO_OUT_CLR registers can be used to avoid race conditions.
4.8.7
MII Management Controller
This section provides information about the MII Management (MIIM) controllers. The following table lists
the registers associated with the MII Management controllers.
The device contains two MIIM controllers with equal functionality. Data is transferred on the MIIM
interface using the Management Frame Format protocol specified in IEEE 802.3, Clause 22 or the MDIO
Manageable Device protocol defined in IEEE 802.3, Clause 45. The Clause 45 protocol differs from the
Clause 22 protocol by using indirect register access to increase the address range. The controller
supports both Clause 22 and Clause 45. The first MIIM controller is connected to the internal PHYs of the
device.
The MIIM interface pins for the second controller are overlaid functions on the GPIO interface. Before
using this MIIM controller, the overlaid functions for the appropriate GPIO pins must first be enabled. For
more information about overlaid functions on the GPIOs for these signals, see GPIO Overlaid Functions,
page 352.
The MDIO signal is changed or sampled on the falling edge of the MDC clock by the controller. The
MDIO pin is tri-stated in-between access and when expecting read data.
Table 257 •
MIIM Registers
Register
Description
DEVCPU_GCB::MII_STATUS
Controller status
DEVCPU_GCB::MII_CMD
Command and write data
DEVCPU_GCB::MII_DATA
Read data
DEVCPU_GCB::MII_CFG
Clock frequency configuration
DEVCPU_GCB::MII_SCAN_0
Auto-scan address range
DEVCPU_GCB::MII_SCAN_1
Auto-scan mask and expects
DEVCPU_GCB::MII_SCAN_LAST_RSLTS
Auto-scan result
DEVCPU_GCB::MII_SCAN_LAST_RSLTS_VLD
Auto-scan result valid
DEVCPU_GCB:: MII_SCAN_RSLTS_STICKY
Differences in expected versus read auto-scan
Table 258 •
MIIM Management Controller Pins
Pin Name
I/O
Description
MDC1/GPIO
O
MIIM clock for controller 1
MDIO1/GPIO
I/O
MIIM data input/output for controller 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com