Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 369 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 369 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 365Page - Microsemi Corporation VSC7440 Datasheet HTML 366Page - Microsemi Corporation VSC7440 Datasheet HTML 367Page - Microsemi Corporation VSC7440 Datasheet HTML 368Page - Microsemi Corporation VSC7440 Datasheet HTML 369Page - Microsemi Corporation VSC7440 Datasheet HTML 370Page - Microsemi Corporation VSC7440 Datasheet HTML 371Page - Microsemi Corporation VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
352
value during scanning, and the mask register has a 1 for the corresponding bit, a mismatch for the PHY
is registered.
The scan results from the most recent scan can be read in MII_SCAN_LAST_RSLTS. The register
contains one bit for each of the possible 32 PHYs. A mismatch during scanning is indicated by a 0.
MII_SCAN_LAST_RSLTS_VLD will indicate for each PHY if the read operation performed during the
scan was successful. The sticky-bit register MII_SCAN_RSLTS_STICKY has the mismatch bit set for all
PHYs that had a mismatch during scanning since the last read of the sticky-bit register. When the register
is read, its value is reset to all-ones (no mismatches).
4.8.7.4
MII Management Interrupt
The MII management controllers can generate interrupts during PHY scanning. Each MII management
controller has a separate interrupt signal to the interrupt controller. Interrupt is asserted when one or
more PHYs have a mismatch during scan. The interrupt is cleared by reading the
MII_SCAN_RSLTS_STICKY register, which resets all MII_SCAN_RSLTS_STICKY indications.
4.8.8
GPIO Controller
This section provides information about the use of GPIO pins.
The following table lists the registers associated with GPIO.
The GPIO pins are individually programmable. GPIOs are inputs by default and can be individually
changed to outputs through GPIO_OE. The value of the GPIO pins is reflected in the GPIO_IN register.
GPIOs that are in output mode are driven to the value specified in GPIO_OUT.
In a system where multiple different CPU threads (or different CPUs) may work on the GPIOs at the
same time, the GPIO_OUT_SET and GPIO_OUT_CLR registers provide a way for each thread to safely
control the output value of individual GPIOs, without having to implement locked regions and
semaphores.
The GPIO_ALT registers are only reset by external reset to the device. This means that software reset of
the DEVCPU_GCB is possible without affecting the mapping of overlaid functions on the GPIOs.
4.8.8.1
GPIO Overlaid Functions
Most of the GPIO pins have overlaid (alternative) functions that can be enabled through replicated
GPIO_ALT registers.
To enable a particular GPIO pin with the alternate function, set the G_ALT[n] register field in the
replicated registers as follows:
•
Overlaid mode 1, set GPIO_ALT[1][n], GPIO_ALT[0][n]=1.
•
Overlaid mode 2, set GPIO_ALT[1][n], GPIO_ALT[0][n]=2.
Table 259 •
GPIO Registers
Register
Description
DEVCPU_GCB::GPIO_OUT
Value to drive on GPIO outputs
DEVCPU_GCB::GPIO_OUT_SET
Atomic set of bits in GPIO_OUT
DEVCPU_GCB::GPIO_OUT_CLR
Atomic clear of bits in GPIO_OUT
DEVCPU_GCB::GPIO_IN
Current value on the GPIO pins
DEVCPU_GCB::GPIO_OE
Enable of GPIO output mode (drive GPIOs)
DEVCPU_GCB::GPIO_ALT
Enable of overlaid GPIO functions
DEVCPU_GCB::GPIO_INTR
Interrupt on changed GPIO value
DEVCPU_GCB::GPIO_INTR_ENA
Enable interrupt on changed GPIO value
DEVCPU_GCB::GPIO_INTR_IDENT
Currently interrupting sources
DEVCPU_GCB::GPIO_SD_MAP
Mapping of parallel signal detects



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com