Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 372 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 372 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 368Page - Microsemi Corporation VSC7440 Datasheet HTML 369Page - Microsemi Corporation VSC7440 Datasheet HTML 370Page - Microsemi Corporation VSC7440 Datasheet HTML 371Page - Microsemi Corporation VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
355
4.8.9
Serial GPIO Controller
The device features one serial GPIO (SIO) controller. By using a serial interface, the SIO controller
significantly extends the number of available GPIOs with a minimum number of additional pins on the
device. The primary purpose of the SIO controller is to connect control signals from SFP modules and to
act as an LED controller.
Each SIO controller supports up to 128 serial GPIOs (SGPIOs) organized into 32 ports, with four SGPIOs
per port.
The following table lists the registers associated with the SIO controller.
The following table lists the SIO controller pins, which are overlaid functions on GPIO pins. For more
information about overlaid functions on the GPIOs for these signals, see GPIO Overlaid Functions,
page 352.
The SIO controller works by shifting SGPIO values out on SG0_DO though a chain of shift registers on
the PCB. After shifting a configurable number of SGPIO bits, the SIO controller asserts SG0_LD, which
causes the shift registers to apply the values of the shifted bits to outputs. The SIO controller can also
read inputs while shifting out SGPIO values on SG0_DO by sampling the SG0_DI input. The values
sampled on SG0_DI are made available to software.
SFP15_SD/GPIO
I
Parallel signal detect 15
Table 262 •
SIO Registers
Register
Description
DEVCPU_GCB::SIO_INPUT_DATA
Input data
DEVCPU_GCB::SIO_CFG
General configuration
DEVCPU_GCB::SIO_CLOCK
Clock configuration
DEVCPU_GCB::SIO_PORT_CFG
Output port configuration
DEVCPU_GCB::SIO_PORT_ENA
Port enable
DEVCPU_GCB::SIO_PWM_CFG
PWM configuration
DEVCPU_GCB::SIO_INTR_POL
Interrupt polarity
DEVCPU_GCB::SIO_INTR_RAW
Raw interrupt status
DEVCPU_GCB::SIO_INTR_TRIGGER0
Interrupt trigger mode 0 configuration
DEVCPU_GCB::SIO_INTR_TRIGGER1
Interrupt trigger mode 1 configuration
DEVCPU_GCB::SIO_INTR
Currently interrupting SGPIOs
DEVCPU_GCB::SIO_INTR_ENA
Interrupt enable
DEVCPU_GCB::SIO_INTR_IDENT
Currently active interrupts
Table 263 •
SIO Controller Pins
Pin Name
I/O
Description
SG0_CLK/GPIO
O
SIO clock output, frequency is configurable using
SIO_CLOCK.SIO_CLK_FREQ.
SG0_DO/GPIO
O
SIO data output.
SG0_DI/GPIO
I
SIO data input.
SG0_LD/GPIO
O
SIO load data, polarity is configurable using SIO_CFG.SIO_LD_POLARITY.
Table 261 •
Parallel Signal Detect Pins (continued)
Register
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com