Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 375 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 375 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 371Page - Microsemi Corporation VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
358
The output mode can additionally be modified with PWM (SIO_PORT_CFG.PWM_SOURCE) and
configurable polarity (SIO_PORT_CFG.BIT_POLARITY).
Static Mode The static mode is used to assign a fixed value to the SGPIO, for example, fixed 0 or
fixed 1.
Blink Mode The blink mode makes the SGPIO blink at a fixed rate. The SIO controller features two
blink modes that can be set independently. A SGPIO can then be configured to use either blink mode 0
or blink mode 1. The blink outputs are configured in SIO_CFG.SIO_BMODE_0 and
SIO_CFG.SIO_BMODE_1. To synchronize the blink modes between different devices, reset the blink
counter using SIO_CFG.SIO_BLINK_RESET. All the SIO controllers on a device must be reset at same
time to maintain the synchronization. The burst toggle mode of blink mode 1 toggles the output with
every burst.
Link Activity Mode The link activity mode makes the output blink when there is activity on the port
module (Rx or Tx). The following table lists the mapping between the SIO port number and port modules.
Table 264 •
Blink Modes
Register
Description
Blink Mode 0
0: 20 Hz blink frequency
1: 10 Hz blink frequency
2: 5 Hz blink frequency
3: 2.5 Hz blink frequency
Blink Mode 1
0: 20 Hz blink frequency
1: 10 Hz blink frequency
2: 5 Hz blink frequency
3: Burst toggle
Table 265 •
SIO Controller Port Mapping
SIO Port
SG0 Mapping
0
Port module 0
1
Port module 1
2
Port module 2
3
Port module 3
4
Port module 4
5
Port module 5
6
Port module 6
7
Port module 7
8
Port module 8
9
Port module 9
10
Port module 10
11
Free
12
Free
13
Free
14
Free
15
Free
16
Free
17
Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com