Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 373 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 373 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 369Page - Microsemi Corporation VSC7440 Datasheet HTML 370Page - Microsemi Corporation VSC7440 Datasheet HTML 371Page - Microsemi Corporation VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
356
If the SIO controller is only used for outputs, the use of the load signal is optional. If the load signal is
omitted, simpler shift registers (without load) can be used, however, the outputs of these registers will
toggle during shifting.
When driving LED outputs, it is acceptable that the outputs will toggle when SGPIO values are updated
(shifted through the chain). When the shift frequency is fast, the human eye is not able to see the shifting
though the LEDs.
The number of shift registers in the chain is configurable. The SIO controller allows enabling of individual
ports through SIO_PORT_ENA; only enabled ports are shifted out on SG0_DO. Ports that are not
enabled are skipped during shifting of GPIO values.
Note: SIO_PORT_ENA allows skipping of ports in the SGPIO output stream that are not in use. The number of
GPIOs per (enabled) port is configurable as well, through SIO_CFG.SIO_PORT_WIDTH this can be set
to 1, 2, 3, or 4 bits. The number of bits per port is common for all enabled ports, so the number of shift
registers on the PCB must be equal to the number of enabled ports times the number of SGPIOs per
port.
Enabling of ports and configuration of SGPIOs per port applies to both output mode and input mode.
Unlike a regular GPIO port, a single SGPIO position can be used both as output and input. That is,
software can control the output of the shift register AND read the input value at the same time. Using
SGPIOs as inputs requires load-capable shift registers.
Regular shift registers and load-capable shift-registers can be mixed, which is useful when driving LED
indications for integrated PHYs while supporting reading of link status from SFP modules, for example.
Figure 124 •
SIO Timing
The SGPIO values are output in bursts followed by assertion of the SG0_LD signal. Values can be output
as a single burst or as continuous bursts separated by a configurable burst gap. The maximum length of
a burst is 32 × 4 data cycles. The burst gap is configurable in steps of approximately 1 ms, from 0 ms to
33 ms through SIO_CFG.SIO_BURST_GAP_DIS and SIO_CFG.SIO_BURST_GAP.
A single burst is issued by setting SIO_CFG.SIO_SINGLE_SHOT. The field is automatically cleared by
hardware when the burst is finished. To issue continuous bursts, set SIO_CFG.SIO_AUTO_REPEAT.
The SIO controller continues to issue bursts until SIO_CFG.SIO_AUTO_REPEAT is cleared.
SGPIO output values are configured in SIO_PORT_CFG.BIT_SOURCE. The input value is available in
SIO_INPUT_DATA.
The following illustration shows what happens when the number of SGPIOs per port is configured to two
(through SIO_CFG.SIO_PORT_WIDTH). Disabling ports (through SIO_PORT_ENA) is handled in the
same way as disabling the SGPIO ports.
pN-1
b2
pN
b3
SG0_DO
SG0_DI
SG0_CLK
SG0_LD
Serial to parallel shift registers output
data on rising edge
Parallel to serial shift registers load
data on logical 0
28 ns
pN
b2
pN
b1
pN
b0
pN-1
b3
p0
b3
p0
b2
p0
b1
p0
b0
p0
b0
p0
b1
p0
b2
p1
b1
p0
b3
p1
b0
p1
b2
pN
b0
pN
b1
pN
b2
pN
b3
pN
b3
pN
b2
p0
b0
p0
b1
Burst gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com