Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 376 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 376 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 372Page - Microsemi Corporation VSC7440 Datasheet HTML 373Page - Microsemi Corporation VSC7440 Datasheet HTML 374Page - Microsemi Corporation VSC7440 Datasheet HTML 375Page - Microsemi Corporation VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
359
The link activity mode uses an envelope signal to gate the selected blinking pattern (blink mode 0 or blink
mode 1). When the envelope signal is asserted, the output blinks, and when the envelope pattern is de-
asserted, the output is turned off. To ensure that even a single packet makes a visual blink, an activity
pulse from the port module is extended to minimum 100 ms. If another packet is sent while the envelope
signal is asserted, the activity pulse is extended by another 100 ms. The polarity of the link activity
modes can be set in SIO_PORT_CFG.BIT_SOURCE.
The following illustration shows the link activity timing.
Figure 127 •
Link Activity Timing
4.8.9.2
SIO Interrupt
The SIO controller can generate interrupts based on the value of the input value of the SGPIOs. All
interrupts are level sensitive.
Interrupts are enabled using the two registers. Interrupts can be individually enabled for each port in
SIO_INTR_ENA (32 bits) and in SIO_CFG.SIO_GPIO_INTR_ENA (4 bits) interrupts are enabled for the
four inputs per port. In other words, SIO_CFG.SIO_GPIO_INTR_ENA is common for all 32 ports.
The SIO controller has four interrupt registers that each has one bit for each of the 128 GPIOs:
•
SIO_INTR_RAW is high if the corresponding input bit is high (corrected for polarity as configured in
SIO_INTR_POL). This register changes when the input changes.
•
SIO_INTR is high if the condition of the configured trigger mode for the bit is met. The trigger mode
can be configured in SIO_INTR_TRIGGER0 and SIO_INTR_TRIGGER1 between level-triggered,
18
Free
19
Free
20
Free
21
Free
22
Free
23
Free
24
Free
25
Free
26
Free
27
Free
28
Free
29
Free
30
Free
31
Free
Table 265 •
SIO Controller Port Mapping (continued)
SIO Port
SG0 Mapping
100 ms pulse
MAC pulse
Envelope
Blink mode
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com