Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 380 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 380 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 376Page - Microsemi Corporation VSC7440 Datasheet HTML 377Page - Microsemi Corporation VSC7440 Datasheet HTML 378Page - Microsemi Corporation VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation VSC7440 Datasheet HTML 384Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
363
Figure 128 •
Monitor State Diagram
The first time after reset that MEMITGR_CTRL.ACTIVATE is set, the monitor resets the detection logic in
all the memories and transitions directly from IDLE to LISTEN state.
Before setting MEMITGR_CTRl.ACTIVATE for the first time, speed up the monitor by setting
MEMITGR_DIV.MEM_DIV to the value specified in the registers list. The memories of the PCIe MAC are
clock-gated and bypassed when PCIe interface is not enabled; enable monitoring of PCIe MAC
memories by setting ICPU_CFG::PCIE_CFG.MEM_RING_CORE_ENA. This field must not be set when
PCIe interface is not enabled.
To read out indications, first transition from LISTEN to IDLE, then continue transitioning until the LISTEN
state is reached. Every time the monitor ends up in the DETECT state, an indication is available in the
MEMITGR_INFO and MEMITGR_IDX registers. Each memory stores one indication. Indications are
cleared when they are read by way of the monitor. Each indication contains four flags and one memory
address.
•
The MEM_ERR flag is set when a non-correctable upset is detected and the corresponding address
is available in MEM_ADDR.
•
The MEM_ERR_OVF flag is set when a non-correctable upset is detected for which address could
not be stored.
•
The MEM_COR flag is set when a correctable upset is detected and the corresponding address is
available in MEM_ADDR.
•
The MEM_COR_OVF flag is set when a correctable upset is detected for which address could not
be stored.
Information about non-correctable upsets is prioritized over correctable upsets. Address can only be
saved when the monitor is in LISTEN mode. The following flowchart shows how the detection logic sets
flags and address.
IDLE
LISTEN
DETECT
At least one valid indication
in the memories.
Transitions in this diagram are triggered by
setting MEMITGR_CTRL.ACTIVATE (can only
be set when non-BUSY.)
No more indications in
the memories
No more indications in
the memories
At least one (more) valid
indication in the memories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com