Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 383 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 383 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 379Page - Microsemi Corporation VSC7440 Datasheet HTML 380Page - Microsemi Corporation VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation VSC7440 Datasheet HTML 384Page - Microsemi Corporation VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
366
TIMER1
Timer 1 interrupt. See Timers.
This interrupt has bit index 4 in INTR_* and DST_INTR_* registers.
TIMER2
Timer 2 interrupt. See Timers.
This interrupt has bit index 5 in INTR_* and DST_INTR_* registers.
UART
UART interrupt. See UART Interrupt.
This interrupt has bit index 6 in INTR_* and DST_INTR_* registers.
UART2
UART2 interrupt. See UART Interrupt.
This interrupt has bit index 7 in INTR_* and DST_INTR_* registers.
TWI
TWI interrupt. See Two-Wire Serial Interface Interrupt.
This interrupt has bit index 8 in INTR_* and DST_INTR_* registers.
TWI2
TWI2 interrupt. See Two-Wire Serial Interface Interrupt.
This interrupt has bit index 9 in INTR_* and DST_INTR_* registers.
SIMC
Serial Master Controller interrupt. See Serial Master Controller Interrupt. This interrupt has bit index
10 in INTR_* and DST_INTR_* registers.
SW0
Software interrupt 0. See Mailbox and Semaphores.
This interrupt has bit index 11 in INTR_* and DST_INTR_* registers.
SW1
Software interrupt 1. See Mailbox and Semaphores.
This interrupt has bit index 12 in INTR_* and DST_INTR_* registers.
SGPIO0
Serial GPIO interrupt 0. See SIO Interrupt.
This interrupt has bit index 13 in INTR_* and DST_INTR_* registers.
GPIO
Parallel GPIO interrupt. See GPIO Interrupt.
This interrupt has bit index 14 in INTR_* and DST_INTR_* registers.
MIIM0
MIIM Controller 0 interrupt. See MII Management Interrupt.
This interrupt has bit index 15 in INTR_* and DST_INTR_* registers.
MIIM1
MIIM Controller 1 interrupt. See MII Management Interrupt.
This interrupt has bit index 16 in INTR_* and DST_INTR_* registers.
FDMA
Frame DMA interrupt, see FDMA Events and Interrupts.
This interrupt has bit index 17 in INTR_* and DST_INTR_* registers.
ANA
Analyzer interrupt. See Interrupt Handling.
This interrupt has bit index 18 in INTR_* and DST_INTR_* registers.
PTP_RDY
Time stamp ready interrupt. See Hardware Time Stamping Module.
This interrupt has bit index 19 in INTR_* and DST_INTR_* registers.
PTP_SYNC
PTP synchronization interrupt. See Master Timer.
This interrupt has bit index 20 in INTR_* and DST_INTR_* registers.
ITGR
Memory integrity interrupt. See Memory Integrity Monitor, page 361.
This interrupt has bit index 21 in INTR_* and DST_INTR_* registers.
XTR_RDY
Extraction data ready interrupt. See Frame Extraction.
This interrupt has bit index 22 in INTR_* and DST_INTR_* registers.
INJ_RDY
Injection ready interrupt. See Frame Injection.
This interrupt has bit index 23 in INTR_* and DST_INTR_* registers.
PCIE
PCIe interrupt. See Power Management.
This interrupt has bit index 24 in INTR_* and DST_INTR_* registers.
OAM_VOP
OAM/VOP interrupt. See Interrupt Controller.
This interrupt has bit index 25 in INTR_* and DST_INTR_* registers.
Table 272 •
Interrupt Sources (continued)
Source Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com