Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 385 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 385 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 381Page - Microsemi Corporation VSC7440 Datasheet HTML 382Page - Microsemi Corporation VSC7440 Datasheet HTML 383Page - Microsemi Corporation VSC7440 Datasheet HTML 384Page - Microsemi Corporation VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation VSC7440 Datasheet HTML 388Page - Microsemi Corporation VSC7440 Datasheet HTML 389Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 444 page
background image
VCore-III System and CPU Interfaces
VMDS-10492 VSC7440 Datasheet Revision 4.2
368
information, see Interrupt Destination Configuration. An active and enabled interrupt source sets
INTR_IDENT.INTR_IDENT[n].
On rare occasions it is desirable to bypass the stickiness of interrupt sources and use
INTR_RAW.INTR_RAW[n] directly instead of INTR_STICKY.INTR_STICKY[n]. Set
INTR_BYPASS.INTR_BYPASS[n] to enable bypass and ignore INTR_STICKY and INTR_TRIGGER
configurations.
Note: The bypass function may be useful for some software interrupt handler architectures. It should only be
used for interrupt sources that are guaranteed to be sticky in the source block. For example, the GPIO
interrupts that are generated from sticky bits in DEVCPU_GCB::GPIO_INTR may be applicable for the
bypass mode.
4.8.13.2 Interrupt Destination Configuration
The four interrupt destinations are handled identically in the interrupt controller. This section describes
destination d, which refers to the replication index of that interrupt in the DST_INTR_* registers. The
following illustration shows the logic associated with a single interrupt destination.
Figure 131 •
Interrupt Destination Logic
The interrupt destination can enable individual sources for interrupt by writing a mask to
DST_INTR_MAP[d].DST_INTR_MAP. When a source is enabled in DST_INTR_MAP then an interrupt
from this source will be propagated to the interrupt destination.
The currently active and enabled source interrupts for a destination can be seen by reading
DST_INTR_IDENT[d].DST_INTR_IDENT.
4.8.13.3 Port Module Interrupts
Each port module can generate an interrupt. Because there are too many modules to handle the
interrupts in parallel with the other source interrupts in the INTR_* registers, the port module interrupts
are aggregated in a separate source interrupt hierarchy before being presented to the interrupt controller
source logic as the DEV source interrupt.
Figure 132 •
Port Module Interrupt Logic
The module interrupt polarity is configurable in DEV_INTR_POL.DEV_INTR_POL[m].
DEV_INTR_RAW, DEV_INTR_TRIGGER, DEV_INTR_STICKY, DEV_INTR_BYPASS,
DEV_INTR_ENA, and DEV_INTR_IDENT works in the same way as the INTR_* counterparts.For more
information, see Interrupt Source Configuration, page 367.
The final step when handling module interrupts is an aggregation of all individual module interrupts to the
DEV source interrupt.
From source logic
Interrupt destination d
DST_INTR_MAP[d].DST_INTR_MAP
n
n
n
DST_INTR_IDENT[d].DST_INTR_IDENT
OR (n to 1)
AND
Filter Logic
00 Pass any.
01 Detect change.
10 Active to inactive.
11 Inactive to active.
Sticky
Hold interrupt
indication until
cleared by SW
AND
0
1
DEV_POL.DEV_POL[m]
Module interrupt m
DEV_INTR_TRIGGER.DEV_INTR_TRIGGER[m]
DEV_INTR_RAW.DEV_INTR_RAW[m]
DEV_INTR_STICKY.
DEV_INTR_STICKY[m]
DEV_INTR_BYPASS.DEV_INTR_BYPASS[m]
DEV_INTR_ENA.DEV_INTR_ENA[m]
DEV_INTR_IDENT.DEV_INTR_IDENT[m]
“DEV” Source Interrupt
OR (m to 1)
The last part OR’s all the m module
interrupts together to form the
aggregated “DEV” source interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com