Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 388 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 388 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 384Page - Microsemi Corporation VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation VSC7440 Datasheet HTML 388Page - Microsemi Corporation VSC7440 Datasheet HTML 389Page - Microsemi Corporation VSC7440 Datasheet HTML 390Page - Microsemi Corporation VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
371
6
Electrical Specifications
This section provides the DC characteristics, AC characteristics, recommended operating conditions,
and stress ratings for the VSC7440 device.
6.1
DC Characteristics
This section contains the DC specifications for the VSC7440 device.
6.1.1
Reference Clock
The following table lists the DC specifications for the differential reference clock signals. Differential and
single-ended modes are supported.
6.1.2
PLL Clock Output
The following table lists the DC specifications for the PLL clock outputs. Applies to CLKOUTPLL and
CLKOUTPLL2 pins.
6.1.3
DDR3/DDR3L SDRAM Interface
This section provides the DC specifications for the DDR3 and DDR3L interfaces.
The DDR3 SDRAM interface supports the requirements of SDRAM devices as described in the JEDEC
DDR3 specifications. The SDRAM interface signals are compatible with JESD79-3F (DDR3 SDRAM
SPECIFICATION, July 2012) and JESD79-3-1A, January 2013. The SSTL I/O buffers have
programmable on-die termination (ODT).
Table 275 •
Reference Clock Inputs
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Input voltage range
VIP, VIN
–25
1200
mV
Single-ended input swing
|VSE|
600
10001
1.
Input common-mode voltage and amplitude must not exceed 1200 mV.
mV
Differential peak-to-peak input swing
|VID|
200
1200
mVppd
Input common-mode voltage
VCM
2/3 ×VDD
mV
Table 276 •
PLL Clock Output
Parameter
Symbol
Minimum
Typical Maximum Unit
Condition
Differential resistance
RDIFF
80
100
120
Ω
Differential peak-to-peak output swing
VOD
290
510
mVppd
Differential peak-to-peak output swing
VOD
360
635
mVppd
See note 1.
1.
Driver amplitude depends on driver-to-receiver adaptation configured in register. Increased amplitude can be
achieved if the receiver is common-mode terminated to VDD_A and if the driver is configured accordingly.
Output common-mode voltage
VCM
VDD_A – 500 mV
VDD_A
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com