Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 389 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 389 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 385Page - Microsemi Corporation VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation VSC7440 Datasheet HTML 388Page - Microsemi Corporation VSC7440 Datasheet HTML 389Page - Microsemi Corporation VSC7440 Datasheet HTML 390Page - Microsemi Corporation VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
372
6.1.3.1
DDR3 SDRAM Interface
The following table lists the DC specifications for the SDRAM interface signals in DDR3 operation.
6.1.3.2
DDR3L SDRAM Interface
The following table lists the DC specifications for the SDRAM interface signals in DDR3L operation.
6.1.4
SERDES1G
This section describes the DC specifications for the SERDES1G transceiver. The transceiver supports
100BASE-FX, SFP, 1000BASE-KX, and SGMII modes.
Table 277 •
DDR3 SDRAM Signals
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Input reference voltage1
1.
DDR_VREF is expected to track variations in VDD_IODDR. Peak-to-peak AC noise on DDR_VREF must not exceed ±2% of
DDR_VREF.
DDR_VREF 49% VDD_IODDR 51% VDD_IODDR VVDD_IODDR =1.5 V.
Input voltage high
VIH(DC)
DDR_VREF +
0.100
VDD_IODDR
V
Input voltage low
VIL(DC)
–0.3
DDR_VREF –
0.100
V
Output voltage high
VOH(DC)
0.8 × VDD_IODDR
V
Not terminated, 1 pF load.
Output voltage low
VOL(DC)
–0.3
0.2 × VDD_IODDR V
Not terminated, 1 pF load.
Input leakage current
|IL|40
µA
0 V
≤ VI ≤ VDD_IODDR.
Output source DC current2
2.
With 34
Ω output driver impedance.
IOH
–6
mA
External 40
Ω termination to
VDD_IODDR/2.
Output sink DC current2
IOL
6
mA
External 40
Ω termination to
VDD_IODDR/2.
Table 278 •
DDR3L SDRAM Signals
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Input reference voltage1
1.
DDR_VREF is expected to track variations in VDD_IODDR. Peak-to-peak AC noise on DDR_VREF must not exceed ±2% of
DDR_VREF.
DDR_VREF 49% VDD_IODDR 51% VDD_IODDR
VVDD_IODDR =1.35V.
Input voltage high
VIH(DC)
DDR_VREF +
0.09
VDD_IODDR
V
Input voltage low
VIL(DC)
–0.3
DDR_VREF –0.09 V
Output voltage high
VOH(DC)
0.8 × VDD_IODDR
V
Not terminated, 1 pF load.
Output voltage low
VOL(DC)
0.2 × VDD_IODDR V
Not terminated, 1 pF load.
Input leakage current
|IL|40
µA
0 V
≤ VI ≤ VDD_IODDR.
Output source DC current2
2.
With 34
Ω output driver impedance.
IOH
–6
mA
External 40
Ω termination
to VDD_IODDR/2
Output sink DC current2
IOL
6
mA
External 40
Ω termination
to VDD_IODDR/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com