Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 390 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 390 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 386Page - Microsemi Corporation VSC7440 Datasheet HTML 387Page - Microsemi Corporation VSC7440 Datasheet HTML 388Page - Microsemi Corporation VSC7440 Datasheet HTML 389Page - Microsemi Corporation VSC7440 Datasheet HTML 390Page - Microsemi Corporation VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation VSC7440 Datasheet HTML 394Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
373
The following table lists the DC specifications for the 1G transmitter. Applies to the S[4:0]_TXN/P pins.
The following table lists the DC specifications for the 1G receiver. Applies to the S[4:0]_RXN/P pins.
6.1.5
SERDES6G
This section provides the DC specifications for the 6G transceiver. The transceiver supports the following
modes:
•
100BASE-FX
•SGMII
•SFP
•PCIe
•2.5G
The following table lists the DC specifications for the 6G transmitter. Applies to the PCIE_TXN/P and
S[6:5]_TXN/P pins.
Table 279 •
1G Transmitter
Parameter
Symbol
Minimum Typical Maximum Unit
Condition
Differential resistance
RDIFF
80
100
120
Ω
Output voltage high
VOH
1050
mV
Output voltage low
VOL
0mV
Differential peak-to-peak output voltage1
1.
Output amplitude is configurable in 16 steps.
VO_DIFF
300
800
mVppd 100BASE-FX, SGMII
Differential peak-to-peak output voltage1 VO_DIFF
500
1200
mVppd SFP
Differential peak-to-peak output voltage1 VO_DIFF
800
1100
mVppd 1000BASE-KX
Differential peak-to-peak output voltage
with Tx disabled
VOD_IDLE
30
mVppd
Table 280 •
1G Receiver
Parameter
Symbol Minimum Typical
Maximum Unit
Condition
Differential resistance
RDIFF
80
100
120
Ω
Absolute input voltage range
VIN
–25
1200
mV
Common-mode voltage
VCM_AC 0VDD_A
mV
AC-coupled
operation1
1.
Compatibility to SGMII transmitters requires external AC-coupling. The maximum common-mode voltage is provided without a
differential signal. It is limited by the minimum and maximum input voltage range and the input’s signal amplitude.
Common-mode voltage
VCM_DC
0.7 × VDD_A
mV
DC-coupled
operation2, 3
2.
For information about optional DC-coupling, contact your Microsemi sales representative.
3.
Common-mode termination disabled. The maximum differential peak-to-peak input is limited by the maximum input voltage
range.
Differential peak-to-peak input voltage
VIN_DIFF 100
1600
mVppd See note 4
4.
Applies to all supported modes. For 100BASE-FX, disable internal AC-coupling.
Table 281 •
6G Transmitter
Parameter
Symbol
Minimum Typical Maximum Unit
Condition
Differential resistance
RDIFF
80
100
120
Ω
Output voltage high
VOH
VDD_VS
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com