Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 394 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 394 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 390Page - Microsemi Corporation VSC7440 Datasheet HTML 391Page - Microsemi Corporation VSC7440 Datasheet HTML 392Page - Microsemi Corporation VSC7440 Datasheet HTML 393Page - Microsemi Corporation VSC7440 Datasheet HTML 394Page - Microsemi Corporation VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
377
where, IS = saturation current, q = electron charge, VD = voltage across the diode, k = Boltzmann
constant, and T = absolute temperature (Kelvin).
6.2
AC Characteristics
This section provides the AC specifications for the VSC7440 device.
6.2.1
Reference Clock
The signal applied to the REFCLK differential inputs must comply with the requirements listed in the
following tables at the pin of the device.
The following table lists the AC specifications for the REFCLK reference clock.
The following table lists the AC specifications for the REFCLK2 reference clock. Use of a 25 MHz single-
ended reference clock is not supported on REFCLK2.
Table 288 •
REFCLK Reference Clock
Parameter
Symbol Minimum
Typical Maximum
Unit
Condition
REFCLK frequency
REFCLK_CONF = 100
ƒ
–100 ppm
25
100 ppm
MHz
REFCLK frequency
REFCLK_CONF = 000
ƒ
–100 ppm
125
100 ppm
MHz
REFCLK frequency
REFCLK_CONF = 001
ƒ
–100 ppm
156.25
100 ppm
MHz
REFCLK frequency
REFCLK_CONF = 010
ƒ
–100 ppm
250
100 ppm
MHz
Clock duty cycle
40
60
%
Measured at 50% threshold.
Rise time and fall time
tR, tF
0.5
ns
Within ±200 mV relative to
VDD × 2/3.
Jitter transfer from REFCLK to
SerDes output, bandwidth
from 10 kHz to 1 MHz
0.3
dB
Jitter transfer from REFCLK to
SerDes output, bandwidth
from 1 MHz to 10 MHz
2
dB
125 MHz reference clock.
Jitter transfer from REFCLK to
SerDes output, bandwidth
above 10 MHz
2 – 20 × log
(ƒ/7 MHz)
dB
125 MHz reference clock.
REFCLK input peak-to-peak
jitter, bandwidth from 2.5 kHz
to 10 MHz1
1.
Peak-to-peak values are typically higher than the RMS value by a factor of 10 to 14.
20
ps
To meet G.8262 1G SyncE jitter
generation specification.
Table 289 •
REFCLK2 Reference Clock
Parameter
Symbol Minimum
Typical Maximum Unit
Condition
REFCLK2 frequency
REFCLK2_CONF= 000
ƒ
–100 ppm 125
100 ppm
MHz
REFCLK2 frequency
REFCLK2_CONF = 001
ƒ
–100 ppm 156.25
100 ppm
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com