Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 398 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 398 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 394Page - Microsemi Corporation VSC7440 Datasheet HTML 395Page - Microsemi Corporation VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
381
The following table lists AC characteristics for the 6G receiver operating in 100BASE-FX, SGMII, SFP,
2.5G, and 1000BASE-KX modes. Applies to the S[6:5]_RXN/P pins.
Differential output return
loss
RLOSDD22
–10
dB
50 MHz to 625 MHz
Differential output return
loss
RLOSDD22
–10 + 10 x log
(ƒ/625 MHz)
dB
625 MHz to 1250 MHz
Rise time and fall time1
tR, tF
60
320
ps
20% to 80%
Interpair skew
tSKEW
20
ps
Random jitter
RJ
0.15
UIP-P At BER 10–12
Deterministic jitter
DJ
0.10
UIP-P
Total jitter
TJ
0.25
UIP-P
Wideband SyncE jitter
TWJ
0.5
UIP-P Measured according to ITU-T
G.8262, section 8.3
Eye mask
X1
0.125
UI
Eye mask
X2
0.325
UI
Eye mask
Y1
3502
mV
Eye mask
Y2
800
mV
1.
Slew rate is programmable.
2.
Compatibility to supported standard requires VDD_VS = 1.2 V.
Table 294 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Receiver
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
125 – 100 ppm
125 + 100 ppm
Mbps
100BASE-FX.
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
SGMII, SFP, 1000BASE-KX.
Data rate
3.125 – 100 ppm
3.125 + 100 ppm
Gbps
2.5G.
Differential input return
loss
RLISDD11
–10
dB
50 MHz to 625 MHz.
Differential input return
loss
RLISDD11
–10 + 10 x log
(ƒ/625 MHz)
dB
625 MHz to 1250 MHz.
Jitter tolerance, total1
TOLTJ
600
ps
Measured according to
IEEE 802.3 Clause 38.6.8.
Jitter tolerance,
deterministic1
TOLDJ
370
ps
Measured according to
IEEE 802.3 Clause 38.6.8.
Jitter tolerance, duty
cycle distortion
TOLDCD
1.4
nsP-P
100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Jitter tolerance, data
dependent
TOLDDJ
2.2
nsP-P
100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Jitter tolerance, random
TOLRJ
2.27
nsP-P
100BASE-FX.
Measured according to
ISO/IEC 9314-3:1990.
Table 293 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Transmitter (continued)
Parameter
Symbol
Minimum
Maximum
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com