Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 400 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 400 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 396Page - Microsemi Corporation VSC7440 Datasheet HTML 397Page - Microsemi Corporation VSC7440 Datasheet HTML 398Page - Microsemi Corporation VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
383
6.2.5
SERDES10G
This section describes the AC specifications for the SERDES10G transceiver. The transceiver supports
the following modes:
•
100BASE-FX
•SGMII
•SFP
•
1000BASE-KX
•2.5G
•
10GBASE-KR
•SFP+ (SFI)
The following table lists the AC characteristics for the 10G transmitter in 100BASE-FX, SGMII, SFP,
2.5G, and 1000BASE-KX modes. Applies to the S[10:7]_TXN/P pins. Note that only S[10:9]_TXN/P pins
support 10GBASE-KR and SFP+ (SFI).
The following table lists the AC characteristics for the 10G receiver operating in 100BASE-FX, SGMII,
SFP, 2.5G, and 1000BASE-KX modes. Applies to the S[10:7]_RXN/P pins. Note that only S[10:9]_RXN/P
pins support 10GBASE-KR and SFP+ (SFI).
Table 297 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Transmitter
Parameter
Symbol
Minimum
Maximum
Unit
Condition
Data rate
125 – 100 ppm
125 + 100 ppm
Mbps
100BASE-FX.
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
SGMII, SFP, 1000BASE-
KX.
Data rate
3.125 – 100 ppm 3.125 + 100 ppm Gbps
2.5G.
Differential output return loss
RLOSDD22
–10
dB
50 MHz to 625 MHz.
Differential output return loss
RLOSDD22
–10 + 10 x log
(ƒ/625 MHz)
dB
625 MHz to 1250 MHz.
Rise time and fall time1
1.
Slew rate is programmable.
tR, tF
60
320
ps
20% to 80%.
Interpair skew
tSKEW
20
ps
Random jitter
RJ
0.15
UIP-P
At BER 10–12.
Deterministic jitter
DJ
0.10
UIP-P
Total jitter
TJ
0.25
UIP-P
Wideband SyncE jitter
TWJ
0.5
UIP-P
Measured according to
ITU-T G.8262, section 8.3.
Eye mask
X1
0.125
UI
Eye mask
X2
0.325
UI
Eye mask
Y1
3802
2.
Compatibility to supported standards require VDD_HS = 1.2 V supply for driver.
mV
Eye mask
Y2
800
mV
Table 298 •
100BASE-FX, SGMII, SFP, 2.5G, 1000BASE-KX Receiver
Parameter
Symbol Minimum
Typical
Maximum
Unit
Condition
Data rate
125 – 100 ppm
125 + 100 ppm
Mbps
100BASE-FX.
Data rate
1.25 – 100 ppm
1.25 + 100 ppm
Gbps
SGMII, SFP, 1000BASE-KX.
Data rate
3.125 – 100 ppm
3.125 + 100 ppm
Gbps
2.5G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com