Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 403 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 403 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 399Page - Microsemi Corporation VSC7440 Datasheet HTML 400Page - Microsemi Corporation VSC7440 Datasheet HTML 401Page - Microsemi Corporation VSC7440 Datasheet HTML 402Page - Microsemi Corporation VSC7440 Datasheet HTML 403Page - Microsemi Corporation VSC7440 Datasheet HTML 404Page - Microsemi Corporation VSC7440 Datasheet HTML 405Page - Microsemi Corporation VSC7440 Datasheet HTML 406Page - Microsemi Corporation VSC7440 Datasheet HTML 407Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 444 page
background image
Electrical Specifications
VMDS-10492 VSC7440 Datasheet Revision 4.2
386
The specifications in the following table correspond to the 10G receiver input, SFI point C and C”, Host.
Post-channel fixed noise source
NO
2.14
mVRMS RMS voltage measured over one symbol
period at the output of module
compliance board (MCB) in a 12 GHz
bandwidth. Source for QSQ should be
disabled during this calibration. See
SFF-8431 section E.3.1.
Differential voltage modulation amplitude
VMA
180
mV
Square pattern with eight 1s and eight 0s.
Table 302 •
10G Receiver Input (SFI Point C and C”, Host)
Parameter
Symbol
Minimum
Maximum
Unit
Condition
99% jitter
99%JIT_P-P
0.42
UI
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Pulse width shrinkage jitter
DDPWSJIT_P-P
0.3
UI
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Total jitter tolerance
TOLJIT_P-P
0.70
UI
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Eye mask X1
X1
0.35
UI
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Eye mask Y1
Y1
150
mV
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Eye mask Y2
Y2
425
mV
Calibrated and measured at
point C”, as specified in
SFF-8431 revision 4.1
Wideband SyncE jitter tolerance
WJT
2488
UIP-P 10 Hz to 12.1 Hz.
Measured according to ITU-T
G.8262 section 9.2.
Wideband SyncE jitter tolerance
WJT
30000/ƒ
UIP-P 12.1 Hz to 20 kHz (ƒ).
Measured according to ITU-T
G.8262 section 9.2.
Wideband SyncE jitter tolerance
WJT
1.5
UIP-P 20 kHz to 40 kHz.
Measured according to ITU-T
G.8262 section 9.2.
Differential input return loss
SDD11
–12
dB
0.01 GHz to 2 GHz
Differential input return loss
SDD11
See note 1
1.
Return loss value is given by the equation SDD11(dB) <–6.68 + 12.1 log10(ƒ/5.5 GHz).
dB
2 GHz to 11 GHz
Differential to common-mode
conversion2
2.
The test set common-mode reference impedance is 25
Ω.
SCD11
–10
dB
0.1 GHz to 11.1 GHz
Table 301 •
10G Receiver Input (SFI Point C, Host) for Direct Attach Copper (continued)
Parameter
Symbol Typical
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com